Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMES15-3.3SMAZ Datasheet(PDF) 5 Page - AIMTEC

Part # AMES15-3.3SMAZ
Description  Screw Terminals on Input & Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMES15-3.3SMAZ Datasheet(HTML) 5 Page - AIMTEC

  AMES15-3.3SMAZ Datasheet HTML 1Page - AIMTEC AMES15-3.3SMAZ Datasheet HTML 2Page - AIMTEC AMES15-3.3SMAZ Datasheet HTML 3Page - AIMTEC AMES15-3.3SMAZ Datasheet HTML 4Page - AIMTEC AMES15-3.3SMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AMES15-MAZ
15 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.R
5 of 5
North America only
Optional DIN Rail Bracket
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer
controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary
based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all
internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for
release. 6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications
which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at
www.aimtec.com.


Similar Part No. - AMES15-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMES15-3.3SMAZ AIMTEC-AMES15-3.3SMAZ Datasheet
349Kb / 5P
   15 Watt | AC-DC Converter
AMES15-3.3SMAZ AIMTEC-AMES15-3.3SMAZ Datasheet
254Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMES15-3.3SMAZ AIMTEC-AMES15-3.3SMAZ Datasheet
543Kb / 5P
   Screw Terminals on Input & Output
More results

Similar Description - AMES15-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMES30-MAZ AIMTEC-AMES30-MAZ_16 Datasheet
516Kb / 5P
   Screw terminals on input/output
AMES15-MAZ-1 AIMTEC-AMES15-MAZ-1_16 Datasheet
543Kb / 5P
   Screw Terminals on Input & Output
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
logo
P-tec Corporation
PT322435-TLMWD-E25C P-TEC-PT322435-TLMWD-E25C Datasheet
2Mb / 30P
   Input / Output Terminals Pin Assignment
logo
United Chemi-Con, Inc.
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com