Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4604 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4604
Description  Complementary Enhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4604 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4604 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4604 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4604 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4604 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4604 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4604 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4604 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4604 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO4604 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
TJ, TSTG
°C
Symbol
Device
Typ
Max Units
n-ch
48
62.5 °C/W
n-ch
74
110
°C/W
RθJL
n-ch
35
40
°C/W
p-ch
48
62.5 °C/W
p-ch
74
110
°C/W
RθJL
p-ch
35
40
°C/W
Thermal Characteristics: n-channel and p-channel
-55 to 150
-55 to 150
Maximum Junction-to-Lead
C
Steady-State
Parameter
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
30
-30
±20
Drain-Source Voltage
±20
Gate-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
W
6.9
5.8
30
2
1.44
-4.2
-5
2
1.44
A
Continuous Drain
Current
A
TA=25°C
ID
TA=70°C
Pulsed Drain Current
B
RθJA
Maximum Junction-to-Ambient
A
Steady-State
-20
TA=70°C
Power Dissipation
TA=25°C
PD
Steady-State
Junction and Storage Temperature Range
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
AO4604
Complementary Enhancement Mode Field Effect Transistor
Nov 2002
Features
n-channel
p-channel
VDS (V) = 30V
-30V
ID = 6.9A
-5A
RDS(ON)
RDS(ON)
< 28m
Ω (VGS=10V)
< 52m
Ω (VGS = 10V)
< 42m
Ω (VGS=4.5V)
< 87m
Ω (VGS = 4.5V)
General Description
The AO4604 uses advanced trench
technology MOSFETs to provide excellent
RDS(ON) and low gate charge. The
complementary MOSFETs may be used
in power inverters, and other applications.
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
SOIC-8
G2
D2
S2
G1
D1
S1
n-channel
p-channel
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4604

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4604 KEXIN-AO4604 Datasheet
3Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4604 VBSEMI-AO4604 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4604-HF KEXIN-AO4604-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4604A VBSEMI-AO4604A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - AO4604

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com