Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEPR30-5070AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEPR30-5070AZ
Description  AC-DC Constant Current or Constant Voltage LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30-5070AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEPR30-5070AZ Datasheet HTML 1Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 2Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 3Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 4Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 5Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 6Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 7Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 8Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Series AMEPR30-AZ
up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.AG
1 of 15
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
Output
Current
(A)
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of Operation
Efficiency
(%)
115
VAC
230
VAC
277
VAC
AMEPR30-5070AZ
35
36-50
0.7
90-305/47-440
130-430
Constant Current
84
83
83
Constant Voltage
84
83
83
AMEPR30-4864AZ
30.7
36-48
0.64
90-305/47-440
130-430
Constant Current
84
83
83
Constant Voltage
84
83
83
AMEPR30-36100AZ
36
24-36
1
90-305/47-440
130-430
Constant Current
84
83
83
Constant Voltage
84
83
83
AMEPR30-24140AZ
33.6
12-24
1.4
90-305/47-440
130-430
Constant Current
83
82
82
Constant Voltage
83
82
82
AMEPR30-12250AZ
30
5-12
2.5
90-305/47-440
130-430
Constant Current
81
80
80
Constant Voltage
81
80
80
 Exceeding the maximum output power will permanently damage the converter.
             ② The dimming feature is not supported when units are used in Constant Voltage mode only.
 In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown. All models
can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). Add “–NA” to part number when
ordering.
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/277VAC) and at rated output load unless otherwise specified. See
http://www.aimtec.com/terms-saleAMEPR30-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from
conventional electrical abnormalities with the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial,
and other areas or regions which are prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive
voltages surges or spikes, may damage or cause early life failure of product. In this case consideration should be made by the end user to
ensure that adequate line or mains surge suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure
to identify excessive line surges violations prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
430
mA
230 VAC
250
mA
277 VAC
210
mA
Inrush current <2ms (cold start)
115 VAC
25
A
230 VAC
40
A
277 VAC
55
A
Leakage current
I/O
0.25
mA
I/FG, O/FG
3.5
mA
Power factor
115 VAC
0.96
230 VAC
0.90
277 VAC
0.85
External fuse
Recommended slow blow type
1
A
Start-up time
450
ms
 AC-DC Constant Current or Constant
Voltage LED Driver
 Over temperature protection
 Over current protection
 Input range 90-305VAC/47-440Hz
 Waterproof case rated IP68
 High efficiency up to 84%
 Power Factor Correction
 Operating temperature -40 to 85°C
 Dimmable via resistive / 0-10Vdc / PWM
 5 Years Limited Warranty
 Short circuit protection
Click on Series name for product info on aimtec.com


Similar Part No. - AMEPR30-5070AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMEPR30-5070AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com