Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2377QDGKRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2377QDGKRQ1
Description  Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Precision Automotive Grade Operational
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2377QDGKRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2377QDGKRQ1 Datasheet HTML 1Page - Texas Instruments OPA2377QDGKRQ1 Datasheet HTML 2Page - Texas Instruments OPA2377QDGKRQ1 Datasheet HTML 3Page - Texas Instruments OPA2377QDGKRQ1 Datasheet HTML 4Page - Texas Instruments OPA2377QDGKRQ1 Datasheet HTML 5Page - Texas Instruments OPA2377QDGKRQ1 Datasheet HTML 6Page - Texas Instruments OPA2377QDGKRQ1 Datasheet HTML 7Page - Texas Instruments OPA2377QDGKRQ1 Datasheet HTML 8Page - Texas Instruments OPA2377QDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
RG
RF
+
±
RSHUNT
Copyright © 2016, Texas
Instruments Incorporated
VOUT = ISHUNT x RSHUNT x (1 + RF/RG)
VBAT
Load
ISHUNT
VS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA377-Q1, OPA2377-Q1, OPA4377-Q1
SBOS797A – MAY 2016 – REVISED MAY 2016
OPAx377-Q1 Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational
Amplifier
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level 3A
Device CDM ESD Classification Level C6
Low Noise: 7.5 nV/
√Hz at 1 kHz
0.1-Hz to 10-Hz Noise: 0.8
μVPP
Quiescent Current: 760
μA (typical)
Low Offset Voltage: 250
μV (typical)
Gain Bandwidth Product: 5.5 MHz
Rail-to-Rail Input and Output
Single-Supply Operation
Supply Voltage: 2.2 V to 5.5 V
Space-Saving Packages:
SOT-23, VSSOP, TSSOP
2 Applications
Active Cruise Control
Park Assist
Tire Pressure Monitoring
Infotainment
Active Filtering
Sensor Signal Conditioning
3 Description
The OPAx377-Q1 family of operational amplifiers are
wide-bandwidth CMOS amplifiers that provide very
low noise, low input bias current, and low offset
voltage while operating on a low quiescent current of
0.76 mA (typical).
The OPAx377-Q1 op amps are optimized for low-
voltage, single-supply applications. The exceptional
combination of ac and dc performance make them
ideal for a wide range of applications, including small
signal conditioning, audio, and active filters. In
addition, these parts have a wide supply range with
excellent
PSRR,
making
them
attractive
for
applications that run directly from batteries without
regulation.
The
OPA377-Q1
is
available
in
the
SOT23-5
package. The dual, OPA2377-Q1, is offered in the
MSOP-8 package and the quad OPA4377-Q1 is
offered in the TSSOP-14 package. All versions are
specified for operation from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA377-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
OPA2377-Q1
VSSOP (8)
3.00 mm × 3.00 mm
OPA4377-Q1
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Low-Side Current Sense Amplifier


Similar Part No. - OPA2377QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2377QDGKRQ1 TI1-OPA2377QDGKRQ1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results

Similar Description - OPA2377QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com