Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA377-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA377-Q1
Description  Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Precision Automotive Grade Operational
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA377-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA377-Q1_16 Datasheet HTML 4Page - Texas Instruments OPA377-Q1_16 Datasheet HTML 5Page - Texas Instruments OPA377-Q1_16 Datasheet HTML 6Page - Texas Instruments OPA377-Q1_16 Datasheet HTML 7Page - Texas Instruments OPA377-Q1_16 Datasheet HTML 8Page - Texas Instruments OPA377-Q1_16 Datasheet HTML 9Page - Texas Instruments OPA377-Q1_16 Datasheet HTML 10Page - Texas Instruments OPA377-Q1_16 Datasheet HTML 11Page - Texas Instruments OPA377-Q1_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
OPA377-Q1, OPA2377-Q1, OPA4377-Q1
SBOS797A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: OPA377-Q1 OPA2377-Q1 OPA4377-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: VS = 2.2 V to 5.5 V (continued)
At TA = 25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GBW
Gain-bandwidth product
5.5
MHz
SR
Slew rate
G = +1
2
V/
μs
tS
Settling time
At 0.1%, 2-V step, G = +1
1.6
μs
At 0.01%, 2-V step, G = +1
2
μs
Overload recovery time
VIN × Gain > VS
0.33
μs
THD+N
Total harmonic distortion + noise
VO = 1 VRMS, G = +1, f = 1 kHz, RL = 10 kΩ
0.00027%
OUTPUT
Voltage output swing from rail
At TA = 25°C, RL = 10 kΩ
10
20
mV
At TA = –40°C to +125°C, RL = 10 kΩ
40
mV
ISC
Short-circuit current
+30/–50
mA
CLOAD
Capacitive load drive
See Typical Characteristics
RO
Open-loop output impedance
150
Ω
POWER SUPPLY
VS
Specified voltage
2.2
5.5
V
IQ
Quiescent current
(per amplifier)
At TA = 25°C, IO = 0, VS = 5.5 V
0.76
1.05
mA
At TA = –40°C to +125°C
1.2
mA
TEMPERATURE
Specified temperature
–40
+125
°C


Similar Part No. - OPA377-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results

Similar Description - OPA377-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com