Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMG2N Datasheet(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # UMG2N
Description  Dual Digital Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

UMG2N Datasheet(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  UMG2N Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMG2N Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMG2N Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMG2N Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SOT-353 Tape and Reel
www.cj-elec.com
,Mar,2016


Similar Part No. - UMG2N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
logo
Rohm
UMG2N ROHM-UMG2N Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2N ROHM-UMG2N Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMG2N ROHM-UMG2N Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results

Similar Description - UMG2N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG9H UTC-UG9H_15 Datasheet
131Kb / 3P
    DUAL DIGITAL TRANSISTORS
logo
Jiangsu Changjiang Elec...
UMC4N JIANGSU-UMC4N Datasheet
1Mb / 5P
   Dual Digital Transistors
UMA5N JIANGSU-UMA5N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
   Dual Digital Transistors
UMH4N JIANGSU-UMH4N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH6N JIANGSU-UMH6N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH7N JIANGSU-UMH7N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH10N JIANGSU-UMH10N Datasheet
2Mb / 4P
   Dual Digital Transistors
UMH11N JIANGSU-UMH11N Datasheet
2Mb / 4P
   Dual Digital Transistors
logo
Rohm
QSH29 ROHM-QSH29_16 Datasheet
1Mb / 8P
   Dual digital transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com