Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMD10N Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # UMD10N
Description  Dual Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

UMD10N Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  UMD10N Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD10N Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD10N Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD10N Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD10N Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD10N Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1
10
0.1
1
10
100
0.1
1
10
100
110
100
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
04
8
12
16
20
0
2
4
6
8
10
0.1
1
10
100
1
10
100
1000
30
3
0.3
T
a
=100℃
T
a
=25℃
OFF Characteristics
3
0.3
0.03
V
CC
=5V
INPUT VOLTAGE
V
I(OFF)
(V)
ON Characteristics
T
a
=25℃
T
a
=100℃
V
O
=0.3V
3
0.3
30
OUTPUT CURRENT
I
O
(mA)
300
30
30
3
V
O(ON)
——
I
O
T
a
=25℃
T
a
=100℃
I
O
/I
I
=20
OUTPUT CURRENT
I
O
(mA)
UMD10N(NPN)
P
D
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
f=1MHz
T
a
=25℃
C
O
——
V
R
REVERSE BIAS VOLTAGE
V
R
(V)
30
T
a
=25℃
T
a
=100℃
V
O
=5V
300
3
3
0.3
30
G
I
——
I
O
OUTPUT CURRENT
I
O
(mA)
www.cj-elec.com
3
www.cj-elec.com
E,Mar,2016
Typical Characteristics


Similar Part No. - UMD10N

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UMD10N MCC-UMD10N Datasheet
336Kb / 3P
   Digital Transistors
More results

Similar Description - UMD10N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG9H UTC-UG9H_15 Datasheet
131Kb / 3P
    DUAL DIGITAL TRANSISTORS
logo
Jiangsu Changjiang Elec...
UMC4N JIANGSU-UMC4N Datasheet
1Mb / 5P
   Dual Digital Transistors
UMA5N JIANGSU-UMA5N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
   Dual Digital Transistors
UMG2N JIANGSU-UMG2N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH4N JIANGSU-UMH4N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH6N JIANGSU-UMH6N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH7N JIANGSU-UMH7N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH10N JIANGSU-UMH10N Datasheet
2Mb / 4P
   Dual Digital Transistors
UMH11N JIANGSU-UMH11N Datasheet
2Mb / 4P
   Dual Digital Transistors
logo
Rohm
QSH29 ROHM-QSH29_16 Datasheet
1Mb / 8P
   Dual digital transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com