Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMD9N Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # UMD9N
Description  Dual Digital Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

UMD9N Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  UMD9N Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD9N Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD9N Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD9N Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD9N Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
UMD9N
FEATURES
DTA114Y and DTC114Y transistors are built-in a package
MARKING:D9
Absolute maximum ratings(Ta=25
)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-6~40
V
IO
70
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150(TOTAL)
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25 )
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.3
VCC=5V ,IO=100
µA
Input voltage
VI(on)
1.4
V
VO=0.3V ,IO=1mA
Output voltage
VO(on)
0.3
V
IO/II=5mA/0.25mA
Input current
II
0.88
mA
VI=5V
Output current
IO(off)
0.5
μA
VCC=50V, VI=0
DC current gain
GI
68
VO=5V ,IO=5mA
Input resistance
R1
7
10
13
KΩ
Resistance ratio
R2/R1
3.7
4.7
5.7
Transition frequency
fT
250
MHz
VCE=10V ,IE=-5mA,f=100MHz
JC T
SOT-363
www.cj-elec.com
1
www.cj-elec.com
F,Mar,2016
Dual Digital Transistors (NPN+PNP)
Digital Transistors (Built-in Resistors)


Similar Part No. - UMD9N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMD9N ROHM-UMD9N Datasheet
83Kb / 4P
   Digital Transistor (Dual Digital Transistors for Inverter Drive)
UMD9N ROHM-UMD9N Datasheet
146Kb / 4P
   Digital Transistor (Dual Digital Transistors for Inverter Drive)
logo
Shenzhen Jin Yu Semicon...
UMD9N HTSEMI-UMD9N Datasheet
657Kb / 1P
   DIGITAL TRANSISTOR (NPNPNP)
logo
Rohm
UMD9N ROHM-UMD9N Datasheet
591Kb / 9P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMD9N ROHM-UMD9N Datasheet
1Mb / 13P
   General purpose (dual digital transistor)
More results

Similar Description - UMD9N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG9H UTC-UG9H_15 Datasheet
131Kb / 3P
    DUAL DIGITAL TRANSISTORS
logo
Jiangsu Changjiang Elec...
UMC4N JIANGSU-UMC4N Datasheet
1Mb / 5P
   Dual Digital Transistors
UMA5N JIANGSU-UMA5N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
   Dual Digital Transistors
UMG2N JIANGSU-UMG2N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH4N JIANGSU-UMH4N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH6N JIANGSU-UMH6N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH7N JIANGSU-UMH7N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH10N JIANGSU-UMH10N Datasheet
2Mb / 4P
   Dual Digital Transistors
UMH11N JIANGSU-UMH11N Datasheet
2Mb / 4P
   Dual Digital Transistors
logo
Rohm
QSH29 ROHM-QSH29_16 Datasheet
1Mb / 8P
   Dual digital transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com