Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90574-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 90574-2
Description  PRO-CRIMPER* III Hand Crimping
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

90574-2 Datasheet(HTML) 4 Page - Tyco Electronics

  90574-2 Datasheet HTML 1Page - Tyco Electronics 90574-2 Datasheet HTML 2Page - Tyco Electronics 90574-2 Datasheet HTML 3Page - Tyco Electronics 90574-2 Datasheet HTML 4Page - Tyco Electronics 90574-2 Datasheet HTML 5Page - Tyco Electronics 90574-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
408- 9886
PRO- CRIMPER III Hand Crimping Tool Assembly 90574- 1
Rev C
4
of 6
Tyco Electronics Corporation
5. Insert stripped wire into contact insulation and
wire barrels until it is butted against the wire stop,
as shown in Figure 3.
6. Holding the wire in place, squeeze tool handles
together until ratchet releases. Allow tool handles
to open and remove crimped contact.
The crimped contact may stick in the crimping
area, but the contact can be easily removed by
pushing downward on the top of the locator (see
Figure 3).
7. Check the contact’s crimp height as described in
Section 6, CRIMP HEIGHT INSPECTION. If
necessary, adjust the crimp height as described in
Section 7, RATCHET (Crimp Height)
ADJUSTMENT.
6. CRIMP HEIGHT INSPECTION
Crimp height inspection is performed through the use
of a micrometer with a modified anvil, commonly
referred to as a crimp--height comparator. Tyco
Electronics does not manufacture or market
crimp--height comparators. Detailed information on
obtaining and using crimp--height comparators can be
found in instruction sheet 408--7424.
Proceed as follows:
1. Refer to Figure 4 and select a wire (maximum
size) for each crimp section listed.
2. Refer to Section 5, CRIMPING PROCEDURE,
and crimp the contact(s) accordingly.
Position Point
on Center of
Wire Barrel
Opposite
Seam
“A”
Modified Anvil
Wire Size
Crimp Section
Crimp Height
Dimension A and
Wire Size
AWG (Max)
Crimp Section
(Wire Size Marking)
Dimension A and
Tolerance (+)
20
24--20
.978 + .051
[.0385 + .0020]
18
18
1.245 + .051
[.0490 + .0020]
Figure 4
3. Using a crimp height comparator, measure the
wire barrel crimp height as shown in Figure 4. If the
crimp height conforms to that shown in the table,
the tool is considered dimensionally correct. If not,
the tool must be adjusted. Refer to Section 7,
RATCHET (Crimp Height) ADJUSTMENT.
7. RATCHET (Crimp Height) ADJUSTMENT (Figure 5)
1. Remove the lockscrew from the ratchet
adjustment wheel.
Figure 5
Screwdriver
Ratchet
Adjustment
Wheel
Lockscrew
(Typ)
2. With a screwdriver, adjust the ratchet wheel
from the locator side of the tool.
3. Observe the ratchet adjustment wheel. If a
tighter crimp is required, rotate the adjustment
wheel COUNTERCLOCKWISE to a
higher--numbered setting. If a looser crimp is
required, rotate the adjustment wheel
CLOCKWISE to a lower--numbered setting.
4. Replace the lockscrew.
5. Make a sample crimp and measure the crimp
height. If the dimension is acceptable, replace and
secure the lockscrew. If the dimension is
unacceptable, continue to adjust the ratchet, and
again measure a sample crimp.
8. MAINTENANCE
Ensure that the tool and dies are clean by wiping
them with a clean, soft cloth. Remove any debris with
a clean, soft brush. Do not use objects that could
damage the tool. When not in use, keep handles
closed to prevent objects from becoming lodged in
the crimping dies, and store in a clean, dry area.
NOTE
i


Similar Part No. - 90574-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9057 ETC1-9057 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
9057 ETC2-9057 Datasheet
100Kb / 2P
   INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9057 HEYCO-9057 Datasheet
152Kb / 2P
   Snap Rivets
logo
Molex Electronics Ltd.
90571-1101 MOLEX10-90571-1101 Datasheet
294Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 10 Circuits, 0.1 關m Gold (Au)
90571-1102 MOLEX10-90571-1102 Datasheet
294Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 10 Circuits, 0.76 關m Gold (Au)
More results

Similar Description - 90574-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8917 TEC-408-8917 Datasheet
839Kb / 5P
   PRO-CRIMPER III Hand Crimping
408-4452 TEC-408-4452 Datasheet
129Kb / 4P
   PRO-CRIMPER III Hand Crimping
logo
Tyco Electronics
408-4379 MACOM-408-4379 Datasheet
132Kb / 5P
   PRO-CRIMPER* III Hand Crimping
logo
TE Connectivity Ltd
408-9886 TEC-408-9886 Datasheet
247Kb / 6P
   PRO-CRIMPER III Hand Crimping
408-4219 TEC-408-4219 Datasheet
325Kb / 6P
   PRO-CRIMPER III Hand Crimping
408-4251 TEC-408-4251 Datasheet
955Kb / 4P
   PRO-CRIMPER III Hand Crimping
408-4345 TEC-408-4345 Datasheet
380Kb / 5P
   PRO-CRIMPER III Hand Crimping
408-9887 TEC-408-9887 Datasheet
247Kb / 6P
   PRO-CRIMPER III Hand Crimping
408-4007 TEC-408-4007 Datasheet
795Kb / 5P
   PRO-CRIMPER III Hand Crimping
408-4051 TEC-408-4051 Datasheet
337Kb / 4P
   PRO-CRIMPER III Hand Crimping
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com