Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMA5N Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # UMA5N
Description  Dual Digital Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

UMA5N Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  UMA5N Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMA5N Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMA5N Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMA5N Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
c
0.
100
0.150
0.00
4
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.4
00
0.085
0.09
4
e
e1
1.200
1.400
0.047
0.055
L
L1
0.260
0.460
0.010
0.018
θ
0.525 REF
0.021 REF
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.650 TYP
0.026 TYP
SOT-353 Package Outline Dimensions
SOT-353 Suggested Pad Layout
www.cj-elec.com
D,Mar,2016


Similar Part No. - UMA5N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMA5N ROHM-UMA5N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMA5N HTSEMI-UMA5N Datasheet
345Kb / 1P
   dual digital transistors (PNP PNP)
logo
Rohm
UMA5N ROHM-UMA5N Datasheet
464Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMA5N ROHM-UMA5N Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
More results

Similar Description - UMA5N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG9H UTC-UG9H_15 Datasheet
131Kb / 3P
    DUAL DIGITAL TRANSISTORS
logo
Jiangsu Changjiang Elec...
UMC4N JIANGSU-UMC4N Datasheet
1Mb / 5P
   Dual Digital Transistors
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
   Dual Digital Transistors
UMG2N JIANGSU-UMG2N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH4N JIANGSU-UMH4N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH6N JIANGSU-UMH6N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH7N JIANGSU-UMH7N Datasheet
1Mb / 4P
   Dual Digital Transistors
UMH10N JIANGSU-UMH10N Datasheet
2Mb / 4P
   Dual Digital Transistors
UMH11N JIANGSU-UMH11N Datasheet
2Mb / 4P
   Dual Digital Transistors
logo
Rohm
QSH29 ROHM-QSH29_16 Datasheet
1Mb / 8P
   Dual digital transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com