Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

108E Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 108E
Description  MINIATURE EPOXY POTTED AUDIO TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

108E Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  108E Datasheet HTML 1Page - Hammond Manufacturing Ltd. 108E Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hammond Mfg. Co. Ltd., Electronics Division
www.hammondmfg.com
108E
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
Audio input, line matching and output transformers
Epoxy potted in an attractive molded case, Pin type, P.C. board
mount, (min. 0.187” length)
Rugged epoxy potted construction produces a completely
sealed unit withstanding severe environmental conditions.
In some models where no center tap is present (on the secondary), pin 5 is omitted.
Secondary may be used as primary and primary as secondary.
Will withstand soldering for 10 sec. @ 260 degrees C, ambient temp. 85 degrees C max.
Power level: 500mw @ 300 Hz. to 50 Khz.
-Freq. range @ +0 dbm is 300 Hz. to 50 Khz. +/- 1.75db
-Freq. range @ +15 dbm is 300 Hz. to 50 Khz. +/- 1.75db
-Freq. range @ +27 dbm is 300 Hz. to 50 Khz. +/- 1.75db
-Freq. measurements with no D.C. saturation.
ELECTRICAL SPECIFICATIONS
Characteristic
Typical
Input Impedance
600
ΩCT
Output Impedance
3.2
Output Power
0.500 Watts
DCR
Primary 1-3
54
Ω (27Ω/27Ω)
Secondary 4-6
0.40
Inductance
@ 1.0 kHz, 1.0 V OC
Primary
0.95 H
Secondary
5.5 mH
Leakage Inductance
2.60 mH
Impedance
@ 1.0 kHz, 1.0 V OC
Primary
8.20 K
Secondary
53.5
Frequency Response
±1.75db from 300Hz to 50KHz
Unbalanced DC
6mA Max.
Turns ratio
13.71:1
Dielectric Strength
100 Vrms
Temperature Range
-40 To 105
°C**
108E
CANADA
1
2
3
4
5
6
108E
MADE IN
1
2
3
4
5
6
CANADA
PRIMARY
SECONDARY
SCHEMATIC DIAGRAM
1
2
3
6
4
3.2
600
CT
PCB LAYOUT


Similar Part No. - 108E

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
108E HAMMOND-108E Datasheet
258Kb / 1P
   P.C. Board Mount (107-109 Series)
More results

Similar Description - 108E

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
108N HAMMOND-108N Datasheet
368Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107D HAMMOND-107D Datasheet
437Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109H HAMMOND-109H Datasheet
339Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109G HAMMOND-109G Datasheet
338Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109F HAMMOND-109F Datasheet
341Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109E HAMMOND-109E Datasheet
343Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108L HAMMOND-108L_13 Datasheet
378Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108H HAMMOND-108H Datasheet
367Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107G HAMMOND-107G Datasheet
442Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109J HAMMOND-109J Datasheet
339Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com