Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109K Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 109K
Description  MINIATURE EPOXY POTTED AUDIO TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

109K Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  109K Datasheet HTML 1Page - Hammond Manufacturing Ltd. 109K Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hammond Mfg. Co. Ltd., Electronics Division
www.hammondmfg.com
109K
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
Audio input, line matching and output transformers
Epoxy potted in an attractive molded case, Pin type, P.C. board
mount, (min. 0.187” length)
Rugged epoxy potted construction produces a completely
sealed unit withstanding severe environmental conditions.
In some models where no center tap is present (on the
secondary), pin 5 is omitted.
Secondary may be used as primary and primary as secondary.
Will withstand soldering for 10 sec. @ 260 degrees C. ambient
temp. 85 degrees C max.
Power level: 2.0W @ 300 Hz. to 50 Khz.
-Freq. range @ +0 dbm is 300 Hz. to 50 Khz. +/- 1.5db
-Freq. range @ +10 dbm is 300 Hz. to 50 Khz. +/- 1.5db
-Freq. range @ +27 dbm is 300 Hz. to 50 Khz. +/- 1.5db
-Freq. measurements with no D.C. saturation.
ELECTRICAL SPECIFICATIONS
Characteristic
Typical
Input Impedance
1.5K
ΩCT
Output Impedance
600
ΩCT
Output Power
2 Watts
DCR
Primary 1-3
102
Ω (51Ω/51Ω)
Secondary 4-6
60
Ω (30Ω/30Ω)
Inductance
@ 1.0 kHz, 1.0 V OC
Primary
2.436 H
Secondary
1.011 H
Leakage Inductance
6.68 mH
Impedance
@ 1.0 kHz, 1.0 V OC
Primary
16.81 K
Secondary
7.021 K
Frequency Response
±1.5db from 300Hz to 50KHz
Unbalanced DC
6mA Max.
Turns ratio
1.58:1
Dielectric Strength
100 Vrms
Temperature Range
-40 To 105
°C**
MADE IN CANADA
1
2
3
4
6
5
PRIMARY
SECONDARY
SCHEMATIC DIAGRAM
1
2
3
6
4
600
1.5
CT
5
CT
PCB LAYOUT
N.T.S.


Similar Part No. - 109K

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
109K HAMMOND-109K Datasheet
258Kb / 1P
   P.C. Board Mount (107-109 Series)
logo
Illinois Capacitor, Inc...
109KBM010M ILLINOISCAPACITOR-109KBM010M Datasheet
412Kb / 3P
   10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
109KBM010M ILLINOISCAPACITOR-109KBM010M Datasheet
280Kb / 2P
   Radial Lead Aluminum Electrolytic Capacitors
109KBM010M ILLINOISCAPACITOR-109KBM010M Datasheet
185Kb / 2P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
109KBM010M ILLINOISCAPACITOR-109KBM010M Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
More results

Similar Description - 109K

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
108N HAMMOND-108N Datasheet
368Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107D HAMMOND-107D Datasheet
437Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109H HAMMOND-109H Datasheet
339Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109G HAMMOND-109G Datasheet
338Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109F HAMMOND-109F Datasheet
341Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109E HAMMOND-109E Datasheet
343Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108L HAMMOND-108L_13 Datasheet
378Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108H HAMMOND-108H Datasheet
367Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107G HAMMOND-107G Datasheet
442Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109J HAMMOND-109J Datasheet
339Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108E HAMMOND-108E Datasheet
366Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com