Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG604-86 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AG604-86
Description  InGaP HBT Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AG604-86 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AG604-86 Datasheet HTML 1Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 2Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 3Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 4Page - List of Unclassifed Manufacturers AG604-86 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
June 2003
The Communications Edge
TM
AG604-86
InGaP HBT Gain Block
Product Information
Product Features
DC – 6000 MHz
+19.5 dBm P1dB at 900 MHz
+33 dBm OIP3 at 900 MHz
20.5 dB Gain at 900 MHz
Single Voltage Supply
SOT-86 SMT Package
Internally matched to 50 Ω
Applications
Mobile Infrastructure
CATV / DBS
W-LAN / ISM
RFID
Defense / Homeland Security
Fixed Wireless
Product Description
The AG604-86 is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 900 MHz, the AG604-86 typically provides
20.5 dB of gain, +33 dBm Output IP3, and +19.5 dBm
P1dB. The device combines dependable performance with
consistent quality to maintain MTTF values exceeding 100
years at mounting temperatures of +85
° C and is housed in
a SOT-86 industry-standard SMT package.
The AG604-86 consists of Darlington pair amplifiers using
the high reliability InGaP/GaAs HBT technology process
technology and only requires DC-blocking capacitors, a
bias resistor, and an inductive RF choke for operation.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the AG604-86 will work for other various applications
within the DC to 6 GHz frequency range such as CATV
and fixed wireless.
Functional Diagram
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications
Parameter
Units
Min
Typ
Max
Frequency Range
MHz
DC
900
6000
Gain (900 MHz)
dB
20.5
Gain (1900 MHz)
dB
16.1
17.1
18.1
Input Return Loss
dB
21
Output Return Loss
dB
15
Output P1dB
dBm
+19.4
Output IP3 (2)
dBm
+33.1
Output IP2
dBm
+44
Noise Figure
dB
3.5
Device Voltage
V
5.16
Device Current
mA
75
Thermal Resistance
°C / W
206
Junction Temperature (3)
°C
177
Test conditions unless otherwise noted.
1. T = 25º C, Supply Voltage = +6 V, Rbias = 11.2 Ω, Frequency = 900 MHz, 50 Ω System.
2. 3OIP measured with two tones at an output power of +2 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. The junction temperature ensures a minimum MTTF rating of 1 million hours of usage.
Typical Performance
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
21.8
20.5
17.1
16.4
S11
dB
-19
-21
-20
-18
S22
dB
-19
-15
-12
-12
Output P1dB
dBm
+19.4
+19.4
+19.2
+19.2
Output IP3
dBm
+33.4
+33.1
+33.1
+32.8
Noise Figure
dB
3.5
3.5
3.7
3.7
Test conditions: T = 25º C, Supply Voltage = +6 V, Rbias = 11.2 Ω, 50 Ω System.
Absolute Maximum Rating
Ordering Information
Parameter
Rating
Part No.
Description
Operating Case Temperature
-40 to +85
°C
AG604-86
InGaP HBT Gain Block
Storage Temperature
-55 to +125
°C
AG604-86PCB
700 – 2400 MHz Fully Assembled Eval. Board
DC Voltage
+7 V
RF Input Power (continuous)
+10 dBm
Junction Temperature
+250
° C
Operation of this device above any of these parameters may cause permanent damage.
RF Out
RF In
GND
GND
1
2
3
4


Similar Part No. - AG604-86

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG604-86 WJCI-AG604-86 Datasheet
179Kb / 5P
   InGaP HBT Gain Block
AG604-86 WJCI-AG604-86 Datasheet
428Kb / 6P
   InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
   InGaP HBT Gain Block
AG604-86G WJCI-AG604-86G Datasheet
428Kb / 6P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG604-86G TRIQUINT-AG604-86G Datasheet
201Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
More results

Similar Description - AG604-86

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com