Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC2112YFDT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LDC2112YFDT
Description  Inductive Touch Solution for Low-Power HMI and Button Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC2112YFDT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LDC2112YFDT Datasheet HTML 3Page - Texas Instruments LDC2112YFDT Datasheet HTML 4Page - Texas Instruments LDC2112YFDT Datasheet HTML 5Page - Texas Instruments LDC2112YFDT Datasheet HTML 6Page - Texas Instruments LDC2112YFDT Datasheet HTML 7Page - Texas Instruments LDC2112YFDT Datasheet HTML 8Page - Texas Instruments LDC2112YFDT Datasheet HTML 9Page - Texas Instruments LDC2112YFDT Datasheet HTML 10Page - Texas Instruments LDC2112YFDT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
SCL
SDA
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tf
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tr
tBUF
7
LDC2112, LDC2114
www.ti.com
SNOSD15 – DECEMBER 2016
Product Folder Links: LDC2112 LDC2114
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Digital Interface
Over operating free-air temperature range (unless otherwise noted). VDD = 1.8 V, TA = 25 °C. Pins: LPWRB, INTB, OUT0,
OUT1, OUT2, and OUT3.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE LEVELS
VIH
Input high voltage
0.8 × VDD
V
VIL
Input low voltage
0.2 × VDD
V
VOH
Output high voltage
ISOURCE = 400 µA
0.7 × VDD
V
VOL
Output low voltage
ISINK = 400 µA
0.3 × VDD
V
IL
Digital input leakage current
–500
500
nA
(1)
This parameter is specified by design and/or characterization and is not tested in production.
6.7 I
2C Interface
MIN
TYP
MAX
UNIT
VOLTAGE LEVELS
VIH
Input high voltage
0.7 × VDD
V
VIL
Input low voltage
0.3 × VDD
V
VOL
Output low voltage
2-mA sink current
0.2 × VDD
V
HYS
Hysteresis(1)
0.05 × VDD
V
I2C TIMING CHARACTERISTICS
fSCL
Clock frequency
400
kHz
tLOW
Clock low time
1.3
µs
tHIGH
Clock high time
0.6
µs
tHD;STA
Hold time repeated START condition
After this period, the first
clock pulse is generated
0.6
µs
tSU;STA
Set-up time for a repeated START
condition
0.6
µs
tHD;DAT
Data hold time
0
µs
tSU;DAT
Data set-up time
100
µs
tSU;STO
Set-up time for STOP condition
0.6
µs
tBUF
Bus free time between a STOP and
START condition
1.3
µs
tVD;DAT
Data valid time
0.9
µs
tVD;ACK
Data valid acknowledge time
0.9
µs
tSP
Pulse width of spikes that must be
suppressed by the input filter(1)
50
ns
Figure 1. I2C Timing Diagram


Similar Part No. - LDC2112YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112YFDT TI1-LDC2112YFDT Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
More results

Similar Description - LDC2112YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112 TI1-LDC2112_17 Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
   The Clear Solution for Demanding Touch Applications
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
logo
List of Unclassifed Man...
CSR8670 ETC1-CSR8670 Datasheet
683Kb / 2P
   Low-power Solution for DSP Intensive Audio Applications
logo
AAEON Technology
AHP-1083 AAEON-AHP-1083_15 Datasheet
293Kb / 2P
   SVGA HMI Touch Panel Computer
logo
STMicroelectronics
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
   SPEAr320S expansion board for HMI applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com