Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7821LLSDW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7821LLSDW
Description  High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7821LLSDW Datasheet(HTML) 4 Page - Texas Instruments

  ISO7821LLSDW Datasheet HTML 1Page - Texas Instruments ISO7821LLSDW Datasheet HTML 2Page - Texas Instruments ISO7821LLSDW Datasheet HTML 3Page - Texas Instruments ISO7821LLSDW Datasheet HTML 4Page - Texas Instruments ISO7821LLSDW Datasheet HTML 5Page - Texas Instruments ISO7821LLSDW Datasheet HTML 6Page - Texas Instruments ISO7821LLSDW Datasheet HTML 7Page - Texas Instruments ISO7821LLSDW Datasheet HTML 8Page - Texas Instruments ISO7821LLSDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
ISO7821LLS
SLLSET5A – MARCH 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: ISO7821LLS
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground pin (GND1 or GND2) and are peak voltage
values.
(3)
Maximum voltage must not exceed 6 V.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCCx
Supply voltage(2)
VCC1, VCC2
–0.5
6
V
V
Voltage on input, output, and
enable pins
OUTx, INx, ENx
–0.5
VCCx + 0.5
(3)
V
IO
Maximum current through OUTx pins
–20
20
mA
TJ
Junction temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1, VCC2
Supply voltage
3
3.3
5.5
V
|VID|
Magnitude of RX input
differential voltage
Driven with voltage sources on RX pins
100
600
mV
VIC
RX input common-
mode voltage
VCC1, VCC2 ≥ 3 V
0.5 |VID|
2.4 – 0.5 |VID|
V
RL
TX far-end differential termination
100
Ω
DR
Signaling rate
50
150
Mbps
TA
Ambient temperature
–55
25
125
°C


Similar Part No. - ISO7821LLSDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7821LLSDW TI1-ISO7821LLSDW Datasheet
134Kb / 6P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7821LLSDWR TI1-ISO7821LLSDWR Datasheet
134Kb / 6P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
More results

Similar Description - ISO7821LLSDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7821LLS TI1-ISO7821LLS Datasheet
134Kb / 6P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820LL TI1-ISO7820LL_16 Datasheet
1Mb / 33P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820LL TI1-ISO7820LL Datasheet
596Kb / 31P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Isolated Dual-LVDS Buffer
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7830 TI1-ISO7830 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
[Old version datasheet]   ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7820 TI-ISO7820_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7820 ISO7820F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com