Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8551-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8551-Q1
Description  DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8551-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8551-Q1 Datasheet HTML 1Page - Texas Instruments DAC8551-Q1 Datasheet HTML 2Page - Texas Instruments DAC8551-Q1 Datasheet HTML 3Page - Texas Instruments DAC8551-Q1 Datasheet HTML 4Page - Texas Instruments DAC8551-Q1 Datasheet HTML 5Page - Texas Instruments DAC8551-Q1 Datasheet HTML 6Page - Texas Instruments DAC8551-Q1 Datasheet HTML 7Page - Texas Instruments DAC8551-Q1 Datasheet HTML 8Page - Texas Instruments DAC8551-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
DAC8551-Q1, DAC6551-Q1
www.ti.com
SLASEB8C – FEBRUARY 2016 – REVISED NOVEMBER 2016
Product Folder Links: DAC8551-Q1 DAC6551-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC
Q100-011
All pins
±500
Corner pins (1, 4, 5, and 8)
±750
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Supply voltage
VDD to GND
3
5.5
V
DIGITAL INPUTS
Digital input voltage
DIN, SCLK and SYNC
0
VDD
V
REFERENCE INPUT
VREF Reference input voltage
0
VDD
V
AMPLIFIER FEEDBACK INPUT
VFB
Output amplifier feedback input
VOUT
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
DAC8551-Q1
DAC6551-Q1
UNIT
DGK (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
173.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
65.4
°C/W
RθJB
Junction-to-board thermal resistance
94.2
°C/W
ψJT
Junction-to-top characterization parameter
10.2
°C/W
ψJB
Junction-to-board characterization parameter
92.7
°C/W
(1)
Linearity calculated using a reduced code range of 485 to 64,741 (16-bit); 30 to 4,046 (12-bit); output unloaded.
6.5 Electrical Characteristics
VDD = 3 V to 5.5 V, VREF = VDD and TA = –40°C to 125°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
DAC8551-Q1
16
Bits
DAC6551-Q1
12
Relative accuracy
DAC8551-Q1
±4
±16
LSB
DAC6551-Q1
±0.3
±1
Differential nonlinearity
DAC8551-Q1
±0.35
±2
LSB
DAC6551-Q1
±0.02
±1
Offset error
±1
±15
mV
Full-scale error
±0.05
±0.5
% of FSR
Gain error
±0.02
±0.2
% of FSR
Offset error drift
±5
μV/°C
Gain temperature coefficient
±1
ppm of
FSR/°C


Similar Part No. - DAC8551-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
More results

Similar Description - DAC8551-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com