Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABS06-107-32.768KHZ-T Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABS06-107-32.768KHZ-T
Description  SMD Low ESR Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABS06-107-32.768KHZ-T Datasheet(HTML) 2 Page - Abracon Corporation

  ABS06-107-32.768KHZ-T Datasheet HTML 1Page - Abracon Corporation ABS06-107-32.768KHZ-T Datasheet HTML 2Page - Abracon Corporation ABS06-107-32.768KHZ-T Datasheet HTML 3Page - Abracon Corporation ABS06-107-32.768KHZ-T Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
||||||| | | | | | | | |
ABS06-107-32.768kHz-T
2.0 x 1.2 x 0.6mm
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
SMD Low ESR Crystal
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 |fax 949-546-8001| www.abracon.com
Revised:07.11.13
Visit www.abracon.com for Terms & Conditions of Sale
RoHS/RoHS II Compliant
STANDARD SPECIFICATIONS:
Parameters
Minimum
Typical
Maximum
Units
otes
Frequency
32.768
kHz
Operation Mode
Flexural Mode (Tuning Fork)
Operating Temperature
-40
+85
ºC
Storage Temperature
-55
+125
ºC
Temperature Coefficient:
-0.039
-0.034
-0.029
ppm/T²
Turn-over temperature:
+20
+25
+30
ºC
Frequency Stability over temperature
-250
< ±175
+250
ppm
Relative to the
measured frequency at
25ºC ± 3ºC
Equivalent series resistance (R1)
< 60
80
kΩ
Shunt Capacitance (C0)
< 1.50
1.70
pF
Load capacitance (CL)
3.90
4.00
4.10
pF
See Note#1
Frequency Tolerance @+25°C
-20
+20
ppm
See Note#2
Tested at 0.5µW
Drive Level
0.1
0.5
µW
Q value
9000
20,000
Aging@25°C±3°C
-3
3
ppm
First year
Insulation Resistance
500
MΩ
@ 100Vdc ± 15V
Note #1: The oscillator loop needs to present an effective loop capacitance of 4.0 pF, not to exceed 4.50 pF.
This loop capacitance is required to ensure Safety Factor of > 5.0 for the entire population of crystals.
Note #2: With an effective loop capacitance of 4.0 pF, the oscillator circuit will be with-in (32.768 kHz) ±20 ppm.
Depending on production equipment capability, these parts might be tested at a different load, with guaranteed
projected performance at 4.0 pF.
FREQUENCY VS. TEMPERATURE CHARACTERISTICS
:


Similar Part No. - ABS06-107-32.768KHZ-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS06-107-32768KHZ-T ABRACON-ABS06-107-32768KHZ-T Datasheet
884Kb / 5P
   0.6mm max. height ideal for high density circuit boards
07.11.13
More results

Similar Description - ABS06-107-32.768KHZ-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS-LR ABRACON-ABLS-LR Datasheet
2Mb / 2P
   HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
05.04.10
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A MICROCRYSTAL-CM7V-T1A Datasheet
114Kb / 2P
   Tuning Fork Crystal 32.768 kHz Low ESR
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
ECS, Inc.
CSM-7SS ECS-CSM-7SS Datasheet
610Kb / 1P
   Low Profile SMD Crystal
logo
Abracon Corporation
ABLS ABRACON-ABLS_15 Datasheet
1Mb / 2P
   SMD LOW PROFILE CRYSTAL
04.07.11
ABLS-LR ABRACON-ABLS-LR_15 Datasheet
1Mb / 2P
   SMD LOW PROFILE CRYSTAL
11.30.10
ABSM8 ABRACON-ABSM8 Datasheet
111Kb / 1P
   LOW FREQUENCY SMD CRYSTAL
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX_14 Datasheet
157Kb / 2P
   Low Profile SMD Crystal
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com