Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65132BYFFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65132BYFFR
Description  Single Inductor - Dual Output Power Supply
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65132BYFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65132BYFFR Datasheet HTML 4Page - Texas Instruments TPS65132BYFFR Datasheet HTML 5Page - Texas Instruments TPS65132BYFFR Datasheet HTML 6Page - Texas Instruments TPS65132BYFFR Datasheet HTML 7Page - Texas Instruments TPS65132BYFFR Datasheet HTML 8Page - Texas Instruments TPS65132BYFFR Datasheet HTML 9Page - Texas Instruments TPS65132BYFFR Datasheet HTML 10Page - Texas Instruments TPS65132BYFFR Datasheet HTML 11Page - Texas Instruments TPS65132BYFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
8
TPS65132
SLVSBM1H – JUNE 2013 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPS65132
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ground.
7 Specifications
7.1 Absolute Maximum Ratings(1)(2)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Voltage range
CFLY1, EN, ENN, ENP, OUTP, REG, SCL, SDA, SW, SYNC,
VIN
–0.3
7
V
CFLY2, OUTN
–7
0.3
V
Continuous total power dissipation
See Thermal Information
Operating junction temperature, TJ
–40
150
°C
Operating ambient temperature, TA
–40
85
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
VESD
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM) per JEDEC specification JESD22-
C101, all pins(2)
±500
V
(1)
Please see Detailed Description section for further information.
(2)
X7R (or better dielectric material) is recommended.
7.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.5
5.5
V
L
Inductor(1)
2.2
4.7
µH
CIN
Input capacitor(1)(2)
4.7
µF
CFLY
Flying capacitor(1)(2)
2.2
µF
COUTP, COUTN, CREG
Output capacitors(1)(2)
4.7
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS65132
TPS65132
UNIT
YFF
RVC
(15) BALLS
(20) PINS
RθJA
Junction-to-ambient thermal resistance
76.5
39.0
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
0.2
42.7
°C/W
RθJB
Junction-to-board thermal resistance
44
13.6
°C/W
ψJT
Junction-to-top characterization parameter
1.6
0.6
°C/W
ψJB
Junction-to-board characterization parameter
43.4
13.6
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
3.8
°C/W


Similar Part No. - TPS65132BYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132BYFFR TI1-TPS65132BYFFR Datasheet
2Mb / 64P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
More results

Similar Description - TPS65132BYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132 TI1-TPS65132_16 Datasheet
2Mb / 64P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132 TI-TPS65132_15 Datasheet
2Mb / 64P
[Old version datasheet]   TPS65132 Single Inductor - Dual Output Power Supply
TPS65120 TI1-TPS65120_13 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
   Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com