Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSM84A21 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM84A21
Description  8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM84A21 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 3Page - Texas Instruments TPSM84A21 Datasheet HTML 4Page - Texas Instruments TPSM84A21 Datasheet HTML 5Page - Texas Instruments TPSM84A21 Datasheet HTML 6Page - Texas Instruments TPSM84A21 Datasheet HTML 7Page - Texas Instruments TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments TPSM84A21 Datasheet HTML 10Page - Texas Instruments TPSM84A21 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
TPSM84A21
www.ti.com
SLVSDF7 – DECEMBER 2016
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Specified by design. Not production tested.
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY AND SYNCHRONIZATION (SYNC) (1)
FSW
Switching frequency
SYNC = open
3.7
4
4.3
MHz
FSYNC
Synchronization frequency range
SYNC Control
3.6
4.4
MHz
VSYNC-H
SYNC high threshold
2.0
V
VSYNC-L
SYNC low threshold
0.8
V
DSYNC
SYNC duty cycle
20%
80%
6.7 Package Specifications
TPSM84A21
VALUE
UNIT
Weight
0.91
grams
Flammability
Meets UL 94 V-O
MTBF Calculated Reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
30.6
MHrs


Similar Part No. - TPSM84A21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 27P
[Old version datasheet]   8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
More results

Similar Description - TPSM84A21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84A22 TI1-TPSM84A22 Datasheet
1Mb / 27P
[Old version datasheet]   8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPS54A20 TI1-TPS54A20 Datasheet
2Mb / 43P
[Old version datasheet]   8-V to 14-V Input, 10-A, up to 10-MHz SWIFT Step Down Converter
TPSM831D31 TI1-TPSM831D31 Datasheet
1,017Kb / 78P
[Old version datasheet]   8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus Power Module
PTH08T255W TI1-PTH08T255W Datasheet
4Mb / 35P
[Old version datasheet]   40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM831D31 TI-TPSM831D31_V01 Datasheet
2Mb / 87P
[Old version datasheet]   TPSM831D31 8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus??Power Module
JUNE 2021
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com