Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62160-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62160-Q1
Description  3-V to 17-V 1-A Step-Down Converter with DCS-Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62160-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62160-Q1 Datasheet HTML 1Page - Texas Instruments TPS62160-Q1 Datasheet HTML 2Page - Texas Instruments TPS62160-Q1 Datasheet HTML 3Page - Texas Instruments TPS62160-Q1 Datasheet HTML 4Page - Texas Instruments TPS62160-Q1 Datasheet HTML 5Page - Texas Instruments TPS62160-Q1 Datasheet HTML 6Page - Texas Instruments TPS62160-Q1 Datasheet HTML 7Page - Texas Instruments TPS62160-Q1 Datasheet HTML 8Page - Texas Instruments TPS62160-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
PG
SW
VOS
FB
Exposed
Thermal
Pad
PGND
VIN
EN
AGND
7
6
2
3
1
4
8
5
3
TPS62160-Q1, TPS62162-Q1
www.ti.com
SLVSCK6A – DECEMBER 2014 – REVISED NOVEMBER 2016
Product Folder Links: TPS62160-Q1 TPS62162-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6 Device Comparison Table
(1)
For detailed ordering information please check the Mechanical, Packaging, and Orderable Information
section at the end of this datasheet.
PART NUMBER(1)
OUTPUT VOLTAGE
TPS62160-Q1
adjustable
TPS62162-Q1
3.3 V
(1)
For more information about connecting pins, see Detailed Description and Application Information sections.
7 Pin Configuration and Functions
space
8-Pin WSON
DSG Package
(Top View)
space
space
Pin Functions
PIN(1)
I/O
DESCRIPTION
NAME
NUMBER
PGND
1
Power ground
VIN
2
I
Supply voltage
EN
3
I
Enable input (High = enabled, Low = disabled)
AGND
4
Analog Ground
FB
5
I
Voltage feedback of adjustable version. Connect resistive voltage divider to this pin. It is
recommended to connect FB to AGND on fixed output voltage versions for improved thermal
performance.
VOS
6
I
Output voltage sense pin and connection for the control loop circuitry.
SW
7
O
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
output capacitor.
PG
8
O
Output power good (High = VOUT ready, Low = VOUT below nominal regulation) ; open drain
(requires pull-up resistor; goes high impedance, when device is switched off)
Exposed
Thermal Pad
Must be connected to AGND. Must be soldered to achieve appropriate power dissipation and
mechanical reliability.


Similar Part No. - TPS62160-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62160-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com