Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS6213xA-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS6213xA-Q1
Description  3-V to 17-V 3-A Step-Down Converter with DCS-Control
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6213xA-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS6213xA-Q1 Datasheet HTML 6Page - Texas Instruments TPS6213xA-Q1 Datasheet HTML 7Page - Texas Instruments TPS6213xA-Q1 Datasheet HTML 8Page - Texas Instruments TPS6213xA-Q1 Datasheet HTML 9Page - Texas Instruments TPS6213xA-Q1 Datasheet HTML 10Page - Texas Instruments TPS6213xA-Q1 Datasheet HTML 11Page - Texas Instruments TPS6213xA-Q1 Datasheet HTML 12Page - Texas Instruments TPS6213xA-Q1 Datasheet HTML 13Page - Texas Instruments TPS6213xA-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
(
)
L
)
on
(
DS
OUT
(min)
OUT
(min)
IN
R
R
I
V
V
+
+
=
ON
OUT
IN
peak
LPSM
t
L
V
V
I
×
-
=
)
(
)
(
ns
V
V
t
IN
OUT
ON
400
×
=
10
TPS62130A-Q1, TPS62133A-Q1, TPS6213013A-Q1
SLVSCC2B – MAY 2014 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPS62130A-Q1 TPS62133A-Q1 TPS6213013A-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
space
(1)
space
For very small output voltages, an absolute minimum on-time of about 80ns is kept to limit switching losses. The
operating frequency is thereby reduced from its nominal value, keeping efficiency high. Also the off-time can
reach its minimum value at high duty cycles. The output voltage remains regulated in such case. Using tON, the
typical peak inductor current in Power Save Mode can be approximated by:
space
(2)
space
When VIN decreases to typically 15% above VOUT, the TPS6213xA-Q1 does not enter Power Save Mode,
regardless of the load current. The device maintains output regulation in PWM mode.
9.3.3 100% Duty-Cycle Operation
The duty cycle of the buck converter is given by D=VOUT/VIN and increases as the input voltage comes close to
the output voltage. In this case, the device starts 100% duty cycle operation turning on the high-side switch
100% of the time. The high-side switch stays turned on as long as the output voltage is below the internal set
point. This allows the conversion of small input to output voltage differences, e.g. for longest operation time of
battery-powered applications. In 100% duty cycle mode, the low-side FET is switched off.
The minimum input voltage to maintain output voltage regulation, depending on the load current and the output
voltage level, can be calculated as:
spacing
where:
IOUT is the output current,
RDS(on) is the RDS(on) of the high-side FET and
RL is the DC resistance of the inductor used.
(3)
9.3.4 Enable / Shutdown (EN)
When Enable (EN) is set High, the device starts operation. Shutdown is forced if EN is pulled Low with a
shutdown current of typically 1.5µA. During shutdown, the internal power MOSFETs as well as the entire control
circuitry are turned off. The internal resistive divider pulls down the output voltage smoothly. The EN signal must
be set externally to High or Low, the typical threshold values are 0.65V (rising) and 0.45V (falling). An internal
pull-down resistor of about 400kΩ is connected and keeps EN logic low, if Low is set initially and then the pin
gets floating. It is disconnected if the pin is set High.
Connecting the EN pin to an appropriate output signal of another power rail provides sequencing of multiple
power rails.
9.3.5 Soft Start / Tracking (SS/TR)
The internal soft start circuitry controls the output voltage slope during startup, avoiding excessive inrush current
and ensures a controlled output voltage rise time. It also prevents unwanted voltage drops from high-impedance
power sources or batteries. When EN is set to start device operation, the device starts switching after a delay of
about 50µs and VOUT rises with a slope controlled by an external capacitor connected to the SS/TR pin. See
Figure 32 and Figure 33 for typical startup operation.


Similar Part No. - TPS6213xA-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130A TI1-TPS62130A Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130A TI1-TPS62130A Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS6213xA-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com