Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22976DPUT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22976DPUT Datasheet(HTML) 2 Page - Texas Instruments

  TPS22976DPUT Datasheet HTML 1Page - Texas Instruments TPS22976DPUT Datasheet HTML 2Page - Texas Instruments TPS22976DPUT Datasheet HTML 3Page - Texas Instruments TPS22976DPUT Datasheet HTML 4Page - Texas Instruments TPS22976DPUT Datasheet HTML 5Page - Texas Instruments TPS22976DPUT Datasheet HTML 6Page - Texas Instruments TPS22976DPUT Datasheet HTML 7Page - Texas Instruments TPS22976DPUT Datasheet HTML 8Page - Texas Instruments TPS22976DPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
TPS22976
SLVSDE7 – NOVEMBER 2016
www.ti.com
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics — VBIAS = 5 V................... 5
7.6
Electrical Characteristics — VBIAS = 2.5 V................ 6
7.7
Switching Characteristics .......................................... 7
7.8
Typical DC Characteristics........................................ 8
7.9
Typical AC Characteristics ...................................... 11
8
Parameter Measurement Information ................ 14
9
Detailed Description ............................................ 15
9.1
Overview ................................................................. 15
9.2
Functional Block Diagram ....................................... 16
9.3
Feature Description................................................. 16
9.4
Device Functional Modes........................................ 17
10
Application and Implementation........................ 18
10.1
Application Information.......................................... 18
10.2
Typical Application ................................................ 20
11
Power Supply Recommendations ..................... 23
12
Layout................................................................... 23
12.1
Layout Guidelines ................................................. 23
12.2
Layout Example .................................................... 23
12.3
Power Dissipation ................................................. 23
13
Device and Documentation Support ................. 24
13.1
Documentation Support ........................................ 24
13.2
Receiving Notification of Documentation Updates 24
13.3
Community Resources.......................................... 24
13.4
Trademarks ........................................................... 24
13.5
Electrostatic Discharge Caution ............................ 24
13.6
Glossary ................................................................ 24
14
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
DATE
REVISON
NOTE
November 2016
*
Initial release


Similar Part No. - TPS22976DPUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22976DPUT TI-TPS22976DPUT Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
More results

Similar Description - TPS22976DPUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com