Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2376QDGKRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2376QDGKRQ1
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2376QDGKRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2376QDGKRQ1 Datasheet HTML 4Page - Texas Instruments OPA2376QDGKRQ1 Datasheet HTML 5Page - Texas Instruments OPA2376QDGKRQ1 Datasheet HTML 6Page - Texas Instruments OPA2376QDGKRQ1 Datasheet HTML 7Page - Texas Instruments OPA2376QDGKRQ1 Datasheet HTML 8Page - Texas Instruments OPA2376QDGKRQ1 Datasheet HTML 9Page - Texas Instruments OPA2376QDGKRQ1 Datasheet HTML 10Page - Texas Instruments OPA2376QDGKRQ1 Datasheet HTML 11Page - Texas Instruments OPA2376QDGKRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
OPA376-Q1, OPA2376-Q1, OPA4376-Q1
SBOS549B – APRIL 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA376-Q1 OPA2376-Q1 OPA4376-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.7 Electrical Characteristics
At TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
5
25
μV
dVOS/dT
Input offset voltage versus
temperature
TA = –40°C to +85°C
0.26
1
μV/°C
TA = –40°C to +125°C
0.32
2
μV/°C
PSRR
Input offset voltage versus
power supply
VS = 2.2 V to 5.5 V,
VCM < (V+) – 1.3 V
TA = 25°C
5
20
μV/V
TA = –40°C to +125°C
5
μV/V
Channel separation, dc (dual,
quad)
0.5
µV/V
INPUT BIAS CURRENT
IB
Input bias current
TA = 25°C
0.2
10
pA
TA = –40°C to +125°C
See Typical Characteristics
pA
IOS
Input offset current
0.2
10
pA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
0.8
μVPP
en
Input voltage noise density
f = 1 kHz
7.5
nV/
√Hz
in
Input current noise
f = 1 kHz
2
fA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
(V–) < VCM < (V+) – 1.3 V
76
90
dB
INPUT CAPACITANCE
Differential
6.5
pF
Common-mode
13
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
50 mV < VO < (V+) – 50 mV, RL = 10 kΩ
120
134
dB
100 mV < VO < (V+) – 100 mV, RL = 2 kΩ
120
126
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 100 pF, VS = 5.5 V
5.5
MHz
SR
Slew rate
G = 1, CL = 100 pF, VS = 5.5 V
2
V/
μs
tS
Settling time
0.1%, 2-V Step , G = 1, CL = 100 pF, VS = 5.5 V
1.6
μs
0.01%, 2-V Step , G = 1, CL = 100 pF, VS = 5.5 V
2
μs
Overload recovery time
VIN × Gain > VS
0.33
μs
THD+N
THD + noise
VO = 1 VRMS, G = 1, f = 1 kHz, RL = 10 kΩ
0.00027%
OUTPUT
Voltage output swing from rail
RL = 10 kΩ
TA = 25°C
10
20
mV
TA = –40°C to +125°C
40
mV
RL = 2 kΩ
TA = 25°C
40
50
mV
TA = –40°C to +125°C
80
mV
ISC
Short-circuit current
30 / –50
mA
CLOAD
Capacitive load drive
See Typical Characteristics
RO
Open-loop output impedance
150


Similar Part No. - OPA2376QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2376QDGKRQ1 TI1-OPA2376QDGKRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
More results

Similar Description - OPA2376QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com