Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5166DRCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166DRCR
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166DRCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5166DRCR Datasheet HTML 4Page - Texas Instruments LM5166DRCR Datasheet HTML 5Page - Texas Instruments LM5166DRCR Datasheet HTML 6Page - Texas Instruments LM5166DRCR Datasheet HTML 7Page - Texas Instruments LM5166DRCR Datasheet HTML 8Page - Texas Instruments LM5166DRCR Datasheet HTML 9Page - Texas Instruments LM5166DRCR Datasheet HTML 10Page - Texas Instruments LM5166DRCR Datasheet HTML 11Page - Texas Instruments LM5166DRCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
1.205
1.21
1.215
1.22
1.225
1.23
1.235
1.24
1.245
1.25
D008
PFM Rising
COT/PFM Falling
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
100
200
300
400
500
600
D007
VSW = 0 V
VSW = 65 V
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
160
200
240
280
320
360
400
D005
PFM
COT
Input Voltage (V)
0
10
20
30
40
50
60
70
180
200
220
240
260
280
300
320
340
360
380
D006
PFM
COT
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
2
4
6
8
10
12
14
16
D003
Shutdown
Sleep
Input Voltage (V)
0
10
20
30
40
50
60
70
2
4
6
8
10
12
D001
D004
Shutdown
Sleep
8
LM5166
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, VOUT = 5 V. Please refer to Typical Applications for circuit designs.
Figure 7. VIN Sleep and Shutdown Supply Current vs
Temperature
Figure 8. VIN Sleep and Shutdown Supply Current vs Input
Voltage
Figure 9. VIN Active Mode Supply Current vs Temperature
Figure 10. VIN Active Mode Supply Current vs Input Voltage
Figure 11. SW Pin Leakage Current vs Temperature
VVIN = 65 V
Figure 12. Feedback Comparator Threshold Voltage vs
Temperature


Similar Part No. - LM5166DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166DRCR TI1-LM5166DRCR Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
More results

Similar Description - LM5166DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LM5143 TI-LM5143 Datasheet
4Mb / 70P
[Old version datasheet]   LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPSM265R1 TI1-TPSM265R1 Datasheet
674Kb / 29P
[Old version datasheet]   TPSM265R1 65-V Input, 100-mA Power Module with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com