Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8695 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8695
Description  18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8695 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8695 Datasheet HTML 1Page - Texas Instruments ADS8695 Datasheet HTML 2Page - Texas Instruments ADS8695 Datasheet HTML 3Page - Texas Instruments ADS8695 Datasheet HTML 4Page - Texas Instruments ADS8695 Datasheet HTML 5Page - Texas Instruments ADS8695 Datasheet HTML 6Page - Texas Instruments ADS8695 Datasheet HTML 7Page - Texas Instruments ADS8695 Datasheet HTML 8Page - Texas Instruments ADS8695 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
ALARM/SDO-1/GPO
SDO-0
CONVST/CS
SCLK
AGND
REFIO
REFGND
REFCAP
1
2
3
4
16
15
14
13
ALARM/SDO-1/GPO
SDO-0
CONVST/CS
SDI
RST
DGND
AVDD
SCLK
AGND
REFIO
REFGND
REFCAP
5
6
7
8
12
11
10
9
AIN_P
AIN_GND
DVDD
RVS
3
ADS8691, ADS8695, ADS8699
www.ti.com
SBAS777 – DECEMBER 2016
Product Folder Links: ADS8691 ADS8695 ADS8699
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View (Not to Scale)
RUM Package
16-Pin WQFN
Top View (Not to Scale)
(1)
AI = analog input, AIO = analog input/output, DI = digital input, DO = digital output, and P = power supply.
Pin Functions
NAME
NO.
TYPE(1)
DESCRIPTION
TSSOP
WQFN
AGND
3
1
P
Analog ground pin. Decouple with the AVDD pin.
AIN_GND
8
6
AI
Analog input: negative. Decouple with the AIN_P pin.
AIN_P
7
5
AI
Analog input: positive. Decouple with the AIN_GND pin.
ALARM/SDO-1/GPO
14
12
DO
Multi-function output pin. Active high alarm.
Data output 1 for serial communication. General-purpose output pin.
AVDD
2
16
P
Analog supply pin. Decouple with the AGND pin.
CONVST/CS
11
9
DI
Dual-functionality pin.
Active high logic: conversion start input pin; a CONVST rising edge brings the device from
acquisition phase to conversion phase.
Active low logic: chip-select input pin; the device takes control of the data bus when CS is low;
the SDO-x pins go to tri-state when CS is high.
DGND
1
15
P
Digital ground pin. Decouple with the DVDD pin.
DVDD
16
14
P
Digital supply pin. Decouple with the DGND pin.
REFCAP
6
4
AO
ADC reference buffer decoupling capacitor pin. Decouple with the REFGND pin.
REFGND
5
3
P
Reference ground pin; short to the analog ground plane. Decouple with the REFIO and
REFCAP pins.
REFIO
4
2
AIO
Internal reference output and external reference input pin. Decouple with REFGND.
RST
9
7
DI
Active low logic input to reset the device.
RVS
15
13
DO
Multi-function output pin for serial interface; see the RESET State section.
With CS held high, RVS reflects the status of the internal ADCST signal.
With CS low, the status of RVS depends on the output protocol selection.
SCLK
12
10
DI
Serial communication: clock input pin for the serial interface.
All system-synchronous data transfer protocols are timed with respect to the SCLK signal.
SDI
10
8
DI
Dual function: data input pin for serial communication.
Chain data input during serial communication in daisy-chain mode.
SDO-0
13
11
DO
Serial communication: data output 0


Similar Part No. - ADS8695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADS8694IDBT TI1-ADS8694IDBT Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694IDBTR TI1-ADS8694IDBTR Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8698 TI1-ADS8698 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Similar Description - ADS8695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
Linear Technology
DC718C LINER-DC718C_15 Datasheet
1Mb / 3P
   18 BIT DATA ACQUISITION SYSTEM
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Linear Technology
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com