Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8588S Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8588S
Description  16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8588S Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8588S Datasheet HTML 6Page - Texas Instruments ADS8588S Datasheet HTML 7Page - Texas Instruments ADS8588S Datasheet HTML 8Page - Texas Instruments ADS8588S Datasheet HTML 9Page - Texas Instruments ADS8588S Datasheet HTML 10Page - Texas Instruments ADS8588S Datasheet HTML 11Page - Texas Instruments ADS8588S Datasheet HTML 12Page - Texas Instruments ADS8588S Datasheet HTML 13Page - Texas Instruments ADS8588S Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
10
ADS8588S, ADS8586S, ADS8584S
SBAS642 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS8588S ADS8586S ADS8584S
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications are at TA = –40°C to +125°C, AVDD = 4.75 V to 5.25 V; typical specifications are at TA
= 25°C; AVDD = 5 V, DVDD = 3 V, VREF = 2.5 V (internal), and fSAMPLE = 200 kSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(6)
Calculated on the first nine harmonics of the input frequency.
(7)
Isolation crosstalk is measured by applying a full-scale sinusoidal signal up to 160 kHz to a channel, not selected in the multiplexing
sequence, and measuring the effect on the output of any selected channel.
(8)
Does not include the variation in voltage resulting from solder shift effects.
(9)
Recommended to use an X7R-grade, 0603-size ceramic capacitor for optimum performance (see the Layout Guidelines section).
DYNAMIC CHARACTERISTICS
SNR
Signal-to-noise ratio,
no oversampling
(VIN – 0.5 dBFS at 1 kHz)
Input range = ±10 V
91
92.7
dB
A
Input range = ±5 V
90.4
92.2
A
SNROSR
Signal-to-noise ratio,
oversampling = 16X
(VIN – 0.5 dBFS at 130 Hz)
Input range = ±10 V
95.5
96.4
dB
A
Input range = ±5 V
94.4
95.5
A
THD
Total harmonic distortion(6)
(VIN – 0.5 dBFS at 1 kHz)
All input ranges
–114
–95
dB
B
SINAD
Signal-to-noise + distortion ratio,
no oversampling
(VIN – 0.5 dBFS at 1 kHz)
Input range = ±10 V
90.7
92.7
dB
A
Input range = ±5 V
90.2
92.1
A
SINADOSR
Signal-to-noise + distortion ratio,
oversampling = 16 X
(VIN – 0.5 dBFS at 130 Hz)
Input range = ±10 V
95
96.4
dB
A
Input range = ±5 V
94
95.4
A
SFDR
Spurious-free dynamic range
(VIN – 0.5 dBFS at 1 kHz)
All input ranges
–118
dB
B
Crosstalk isolation(7)
–95
dB
A
BW(–3 dB)
Small-signal
bandwidth
–3 dB
At TA = 25°C,
input range = ±10 V
24
kHz
B
At TA = 25°C,
input range = ±5 V
16
B
BW(–0.1 dB)
–0.1 dB
At TA = 25°C,
input range = ±10 V
14
kHz
B
At TA = 25°C,
input range = ±5 V
9.5
B
tGROUP
Group delay
Input range = ±10 V
13
µs
C
Input range = ±5 V
19
C
INTERNAL REFERENCE OUTPUT (REFSEL = 1)
VREF
(8)
Voltage on the REFIN/REFOUT pin
(configured as output)
At TA = 25°C
2.4975
2.5
2.5025
V
A
Internal reference temperature drift
7.5
ppm/°C
B
C(REFIN_ REFOUT)
Decoupling capacitor on
REFIN/REFOUT(9)
10
µF
B
V(REFCAP)
Reference voltage to the ADC
(on the REFCAPA, REFCAPB pin)
At TA = 25°C
3.996
4.0
4.004
V
A
Reference buffer output impedance
0.5
1
Ω
C
Reference buffer output temperature
drift
5
ppm/°C
B
C(REFCAP)
Decoupling capacitor on REFCAPA,
REFCAPB
10
μF
B
Turn-on time
C(REFCAP) = 10 µF,
C(REFIN_REFOUT) = 10 µF
25
ms
B
EXTERNAL REFERENCE INPUT (REFSEL = 0)
VREFIO_EXT
External reference voltage on REFIO
(configured as input)
2.475
2.5
2.525
V
B
Reference input impedance
100
C
Reference input capacitance
10
pF
C


Similar Part No. - ADS8588S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPM TI1-ADS8588HIPM Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPMR TI1-ADS8588HIPMR Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Similar Description - ADS8588S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com