Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS252012DR68MF Datasheet(PDF) 8 Page - Superworld Electronics

Part # SPS252012DR68MF
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252012DR68MF Datasheet(HTML) 8 Page - Superworld Electronics

  SPS252012DR68MF Datasheet HTML 1Page - Superworld Electronics SPS252012DR68MF Datasheet HTML 2Page - Superworld Electronics SPS252012DR68MF Datasheet HTML 3Page - Superworld Electronics SPS252012DR68MF Datasheet HTML 4Page - Superworld Electronics SPS252012DR68MF Datasheet HTML 5Page - Superworld Electronics SPS252012DR68MF Datasheet HTML 6Page - Superworld Electronics SPS252012DR68MF Datasheet HTML 7Page - Superworld Electronics SPS252012DR68MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Application Notice
a) Temperature and humidity conditions : Less than 40°C and 60% RH.
To maintain the solderabililty of terminal electrodes :
b) Recommended products should be used within 12 months from the time of delivery.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
2. Transportation :
1. Storage Conditions :
9-4. Tearing Off Force
Top cover tape
F
165° to 180°
860~1060
Room atm
in the arrow direction under the following conditions.
The force for tearing off cover tape is 15 to 80 grams
Base tape
5~35
(°C)
Room Temp.
(%)
45~85
Room Humidity
(mm/min)
Tearing Speed
(hPa)
300
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 8
15.08.2013
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTOR
SPS252012D SERIES


Similar Part No. - SPS252012DR68MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252012E1R0MF SUPERWORLD-SPS252012E1R0MF Datasheet
217Kb / 8P
   SMD Power Inductors
SPS252012E1R5MF SUPERWORLD-SPS252012E1R5MF Datasheet
217Kb / 8P
   SMD Power Inductors
SPS252012E2R2MF SUPERWORLD-SPS252012E2R2MF Datasheet
217Kb / 8P
   SMD Power Inductors
SPS252012ER24MF SUPERWORLD-SPS252012ER24MF Datasheet
217Kb / 8P
   SMD Power Inductors
SPS252012ER33MF SUPERWORLD-SPS252012ER33MF Datasheet
217Kb / 8P
   SMD Power Inductors
More results

Similar Description - SPS252012DR68MF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com