Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC1408R26MZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SMC1408R26MZF
Description  SMD Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SMC1408R26MZF Datasheet(HTML) 1 Page - Superworld Electronics

  SMC1408R26MZF Datasheet HTML 1Page - Superworld Electronics SMC1408R26MZF Datasheet HTML 2Page - Superworld Electronics SMC1408R26MZF Datasheet HTML 3Page - Superworld Electronics SMC1408R26MZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
05.01.2015
SMC1408 Series
SMD Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
1. PART NO. EXPRESSION :
2. CONFIGURATION & DIMENSIONS :
A
3. SCHEMATIC :
13.5 Max.
8.00 Max.
5.00± 0.3
BC
D
13.0 Max.
Unit : mm
4. MATERIALS :
d) Adhesive
c) Clip
b) Core
a) Core
F
7.11 Ref.
G
2.5± 0.2
H
7.62 Ref.
(a)
(d)
(b)
(e)
(b) Dimension code
(c) Inductance code : R21 = 0.21uH
(a) Series code
(d) Tolerance code : M = ± 20%
(e) Z : Standard Products
(c)
(f)
(f) F : RoHS Compliant
S M C 1 4 0 8 R 2 1 M Z F
3.2 Ref.
I
a
R10
A
D
I
I
G
F
F
PCB Pattern
b
c
d


Similar Part No. - SMC1408R26MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SMC1409 SUPERWORLD-SMC1409 Datasheet
598Kb / 6P
   SHIELDED SMD POWER INDUCTORS
SMC14091R0MZF SUPERWORLD-SMC14091R0MZF Datasheet
598Kb / 6P
   SHIELDED SMD POWER INDUCTORS
SMC14091R6MZF SUPERWORLD-SMC14091R6MZF Datasheet
598Kb / 6P
   SHIELDED SMD POWER INDUCTORS
SMC14092R2MZF SUPERWORLD-SMC14092R2MZF Datasheet
598Kb / 6P
   SHIELDED SMD POWER INDUCTORS
SMC1409R56YZF SUPERWORLD-SMC1409R56YZF Datasheet
598Kb / 6P
   SHIELDED SMD POWER INDUCTORS
More results

Similar Description - SMC1408R26MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com