Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC1205HP220MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # PIC1205HP220MF
Description  SMD Power Choke Coil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC1205HP220MF Datasheet(HTML) 1 Page - Superworld Electronics

  PIC1205HP220MF Datasheet HTML 1Page - Superworld Electronics PIC1205HP220MF Datasheet HTML 2Page - Superworld Electronics PIC1205HP220MF Datasheet HTML 3Page - Superworld Electronics PIC1205HP220MF Datasheet HTML 4Page - Superworld Electronics PIC1205HP220MF Datasheet HTML 5Page - Superworld Electronics PIC1205HP220MF Datasheet HTML 6Page - Superworld Electronics PIC1205HP220MF Datasheet HTML 7Page - Superworld Electronics PIC1205HP220MF Datasheet HTML 8Page - Superworld Electronics PIC1205HP220MF Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
(a)
(d)
(b)
(e)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Type code
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Inductance code : 4R7 = 4.70uH
(e) Tolerance code : M = ±20%, Y = ±30%
PG. 1
12.5±0.3
B
C
4.8±0.2
D
4.7±0.3
E
Unit:m/m
13.5±0.5
2.3±0.3
(c)
(f)
(f) F : RoHS Compliant
4R7
1150
A
C
D
4. MATERIALS :
P I C 1 2 0 5 H P 4 R 7 M F - □ □
SMD Power Choke Coil
PIC1205HP SERIES
(g)
NOTE : Specifications subject to change without notice. Please check our website for latest information.
06.11.2015
(g) 11~99 : Internal controlled number
G
8.0
H
14.2
L
5.0
Recommended PC Board Pattern
L
G
(a) Core
(b) Wire
(c) Terminal
(d) Ink
(e) Paint
5. GENERAL SPECIFICATION :
g) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.
e) Heat Rated Current (Irms) will cause the coil temperature rise approximately Δt of 40°C (keep 1min)
f ) Saturation Current (Isat) will cause L0 to drop 20%.
c) Storage Temp. : -40°C to +125°C
b) Operating Temp. : -40°C to +125°C
a) Test Freq. : L : 100KHz/1.0V
h) Storage condition (component in its packaging)
i) Temperature: -10 to 40°C
ii) Humidity : 50~60% RH
d) Humidity Range : 85 ± 3% RH


Similar Part No. - PIC1205HP220MF

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
logo
Superworld Electronics
PIC1206HP100MF SUPERWORLD-PIC1206HP100MF Datasheet
719Kb / 10P
   SMD Power Choke Coil
PIC1206HP101MF SUPERWORLD-PIC1206HP101MF Datasheet
719Kb / 10P
   SMD Power Choke Coil
PIC1206HP120MF SUPERWORLD-PIC1206HP120MF Datasheet
719Kb / 10P
   SMD Power Choke Coil
More results

Similar Description - PIC1205HP220MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
   SMD Power Choke Coil
PIC1003HR15MF SUPERWORLD-PIC1003HR15MF Datasheet
529Kb / 8P
   SMD Power Choke Coil
PIC0312HR47MF SUPERWORLD-PIC0312HR47MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
PIC0615HR15MF SUPERWORLD-PIC0615HR15MF Datasheet
531Kb / 8P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC0415HP TAI-TECH-TMPC0415HP Datasheet
480Kb / 2P
   SMD Power Choke Coil
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
   SMD POWER CHOKE COIL
logo
Superworld Electronics
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
   SMD Power Choke Coil
PIC0412HPR10YF SUPERWORLD-PIC0412HPR10YF Datasheet
527Kb / 8P
   SMD Power Choke Coil
PIC1235HPR10YF SUPERWORLD-PIC1235HPR10YF Datasheet
613Kb / 9P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
   SMD Power Choke Coil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com