Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC1005R08MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SMC1005R08MZF
Description  SMD Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SMC1005R08MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SMC1005R08MZF Datasheet HTML 1Page - Superworld Electronics SMC1005R08MZF Datasheet HTML 2Page - Superworld Electronics SMC1005R08MZF Datasheet HTML 3Page - Superworld Electronics SMC1005R08MZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
5. GENERAL SPECIFICATION :
6. ELECTRICAL CHARACTERISTICS :
a) Temp. Rise : 40° C Max. at Irms
b) ΔL / L0A : 20% Max. at Isat
c) Operating Temperature : -40° C ----+125° C
05.01.2015
SMC1005 Series
SMD Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Inductance
( uH )
0.085 ± 20%
SMC1005R10MZF
SMC1005R08MZF
Part Number
Max.
0.42
DC Resistance
( mΩ )
( Hz )
Frequency
Test
1V/100K
( A )
Irms
50
( A )
Isat
70
0.100 ± 20%
0.42
1V/100K
50
70
d) Storage condition (component in its packaging)
i) Temperature : -10 to 40° C
ii) Humidity : 60%
SMC1005R12MZF
0.120 ± 20%
0.42
1V/100K
50
52
SMC1005R15MZF
0.155 ± 20%
0.42
1V/100K
50
40
SMC1005R22MZF
0.220 ± 20%
0.42
1V/100K
50
33


Similar Part No. - SMC1005R08MZF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC100 SUNMATE-SMC100 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Tripp Lite. All Rights ...
SMC1000T TRIPPLITE-SMC1000T Datasheet
523Kb / 4P
   SmartPro 100-110-120V 1kVA 650W Line Interactive Sine Wave UPS, Tower, USB, RS232
logo
Superworld Electronics
SMC1007R17LAF SUPERWORLD-SMC1007R17LAF Datasheet
243Kb / 6P
   SMD Power Inductors
SMC1007R22KAF SUPERWORLD-SMC1007R22KAF Datasheet
243Kb / 6P
   SMD Power Inductors
SMC1008R15MAF SUPERWORLD-SMC1008R15MAF Datasheet
115Kb / 3P
   SMD Power Inductors
More results

Similar Description - SMC1005R08MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com