Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIF0503A2R2MN Datasheet(PDF) 6 Page - Superworld Electronics

Part # PIF0503A2R2MN
Description  High Current Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIF0503A2R2MN Datasheet(HTML) 6 Page - Superworld Electronics

  PIF0503A2R2MN Datasheet HTML 1Page - Superworld Electronics PIF0503A2R2MN Datasheet HTML 2Page - Superworld Electronics PIF0503A2R2MN Datasheet HTML 3Page - Superworld Electronics PIF0503A2R2MN Datasheet HTML 4Page - Superworld Electronics PIF0503A2R2MN Datasheet HTML 5Page - Superworld Electronics PIF0503A2R2MN Datasheet HTML 6Page - Superworld Electronics PIF0503A2R2MN Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
High Current Power Inductor– PIF0503A Series
Proprietary and Confidential
Document of Superworld
18/07/2016
P6
9. Packaging Information:
9-1 Reel Dimension
9-2 Tape Dimension
9-3 Packaging Quantity
Type
A(mm)
B(mm)
C(mm)
D(mm)
13”x16mm 16.4+2/-0 100±2
13.0+0.5/-0.2
330
PIF
0503A
Chip / Reel
2,000
Inner box
4,000
Carton
16,000
Series
Size
Ao(mm)
Bo(mm) Ko(mm)
P(mm)
W(mm)
F(mm)
T(mm)
D(mm)
PIF
0503A 5.80±0.1 5.60±0.1 3.30±0.1 8.00±0.1 16.00±0.3 7.50±0.1 0.35±0.05 1.50±0.1


Similar Part No. - PIF0503A2R2MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIF0502A1R0MN SUPERWORLD-PIF0502A1R0MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502A1R2MN SUPERWORLD-PIF0502A1R2MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502A1R5MN SUPERWORLD-PIF0502A1R5MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502AR15MN SUPERWORLD-PIF0502AR15MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502AR16MN SUPERWORLD-PIF0502AR16MN Datasheet
236Kb / 7P
   High Current Power Inductor
More results

Similar Description - PIF0503A2R2MN

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
   Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1040 CODACA-CSBL1040 Datasheet
879Kb / 5P
   High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
   High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
   High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
   High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
   High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
   High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
   High Current Power Inductor
07/14/2020
CSBX0650 CODACA-CSBX0650 Datasheet
718Kb / 5P
   High Current Power Inductor
Revised: 07/14/2020
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
   High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
   High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com