Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC1005H1R5MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIC1005H1R5MF
Description  SMD Power Choke Coil
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC1005H1R5MF Datasheet(HTML) 2 Page - Superworld Electronics

  PIC1005H1R5MF Datasheet HTML 1Page - Superworld Electronics PIC1005H1R5MF Datasheet HTML 2Page - Superworld Electronics PIC1005H1R5MF Datasheet HTML 3Page - Superworld Electronics PIC1005H1R5MF Datasheet HTML 4Page - Superworld Electronics PIC1005H1R5MF Datasheet HTML 5Page - Superworld Electronics PIC1005H1R5MF Datasheet HTML 6Page - Superworld Electronics PIC1005H1R5MF Datasheet HTML 7Page - Superworld Electronics PIC1005H1R5MF Datasheet HTML 8Page - Superworld Electronics PIC1005H1R5MF Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Inductance L
Part No.
PIC1005HR30MF
0
0.30
( μH )
@ 0 A
0.57
DCR
Typ. @ 25°C
( mΩ )
Irms
( A )
38
65
( A )
Isat
Typ.
Typ.
DCR
( mΩ )
Max. @ 25°C
0.61
PIC1005H1R0MF
1.00
2.8
22
30
3.5
PIC1005H2R2MF
2.20
5.4
16
24
6.0
PIC1005H100MF
10.0
25
8
13.5
29
SMD Power Choke Coil
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PIC1005H SERIES
PIC1005HR36MF
0.36
0.8
30
60
0.88
PIC1005HR47MF
0.47
1.15
28
50
1.38
PIC1005HR56MF
0.56
1.3
26.5
43
1.5
PIC1005HR68MF
0.68
1.7
25
35
1.9
PIC1005H120MF
12.0
30
6
10
35
PIC1005HR90MF
0.90
2.2
25
32
3.0
PIC1005H1R2MF
1.20
2.9
20
28
3.5
PIC1005H1R3MF
1.30
3.2
20
28
3.7
PIC1005H1R5MF
1.50
3.5
19
27
4.1
PIC1005H1R8MF
1.80
3.7
17.5
25.5
4.7
PIC1005H3R3MF
3.30
9.0
14
22
10.4
PIC1005H5R6MF
5.60
14
10
16
16.8
PIC1005H8R2MF
8.20
18.5
9
14.5
24
PIC1005H330MF
33.0
80
4.3
7.5
92
PIC1005H470MF
47.0
125
3.8
6.5
145
PIC1005H680MF
68.0
176
2.5
4.0
205
06.11.2015
Tolerance code : M = ±20%, Y = ±30%


Similar Part No. - PIC1005H1R5MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC1005H1R0MN SUPERWORLD-PIC1005H1R0MN Datasheet
321Kb / 8P
   MODLED POWER CHOKE COIL
More results

Similar Description - PIC1005H1R5MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
   SMD Power Choke Coil
PIC1003HR15MF SUPERWORLD-PIC1003HR15MF Datasheet
529Kb / 8P
   SMD Power Choke Coil
PIC0312HR47MF SUPERWORLD-PIC0312HR47MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
PIC0615HR15MF SUPERWORLD-PIC0615HR15MF Datasheet
531Kb / 8P
   SMD Power Choke Coil
PIC1205HPR20MF SUPERWORLD-PIC1205HPR20MF Datasheet
668Kb / 10P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC0415HP TAI-TECH-TMPC0415HP Datasheet
480Kb / 2P
   SMD Power Choke Coil
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
   SMD POWER CHOKE COIL
logo
Superworld Electronics
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
   SMD Power Choke Coil
PIC0412HPR10YF SUPERWORLD-PIC0412HPR10YF Datasheet
527Kb / 8P
   SMD Power Choke Coil
PIC1235HPR10YF SUPERWORLD-PIC1235HPR10YF Datasheet
613Kb / 9P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
   SMD Power Choke Coil
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com