Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEL5-12DEMAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEL5-12DEMAZ
Description  5 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL5-12DEMAZ Datasheet(HTML) 3 Page - AIMTEC

  AMEL5-12DEMAZ Datasheet HTML 1Page - AIMTEC AMEL5-12DEMAZ Datasheet HTML 2Page - AIMTEC AMEL5-12DEMAZ Datasheet HTML 3Page - AIMTEC AMEL5-12DEMAZ Datasheet HTML 4Page - AIMTEC AMEL5-12DEMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AMEL5-MAZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.R
3 of 5
North America only
Safety Specifications
Parameters
Agency approvals
cULus, CE, CB
Standards
Medical Electrical Equipment
IEC\EN\UL 60601-1, 2 x MOOP, CSA-C22.2 No. 601.1-M90
Information technology Equipment
EN 60950-1:2006+A11:2009
EMI - Conducted and radiated emission
EN55011, class B
Harmonic Current Emissions
IEC/EN 61000-3-2, Class A
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 2
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4 Level 3
Surge Immunity
IEC 61000-4-5 Level 3
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 2
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 2
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11
Additional Surge Protective Circuitry
The AMEL5-MAZ series design level surge protection is certified to IEC 61000-4-5 surge Line to Line of 1KV. However
greater protection can be enhanced by adding protective devices to ingress circuitry. For example, by adding an MOV (Metal
Oxide Varistor) device example TVR10471KSY to the N / L input lines 2KV surge protection or greater, can be achieved.
Dimensions
MOV PN
Vrms
V
Vdc
V
Wmax (2ms)
J
Pmax
W
TVR10471KSY
300
385
70
0.4
DIV: 0.2 (5.08)
5 Ø- 0.047 (Ø 1.2)
TOP VIEW
1
2
3
4
5
Dimensions: inch (mm)
Case Tolerance:± 0.012 (0.30)
Pin Pitch Tolerance: ± 0.012 (0.30)
1.10
(28.00)
0.40
(10.16)
0.40
(10.16)
2.03
(51.50)
1.80
(45.72)
0.80
(20.32)
0.11
(2.89)
TOP VIEW
1
2
3
4
5
17.80
(0.70)
0.2
(5.08)
(Min)
Ø 0.04
(1.00)
+
Case Temperature
Measurement point


Similar Part No. - AMEL5-12DEMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-12DEMAZ AIMTEC-AMEL5-12DEMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-12DEMAZ AIMTEC-AMEL5-12DEMAZ Datasheet
147Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-12DEMAZ AIMTEC-AMEL5-12DEMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL5-12DEMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_12 Datasheet
147Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_13 Datasheet
379Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_13 Datasheet
678Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com