Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L301212HF2R2M Datasheet(PDF) 2 Page - Superworld Electronics

Part # L301212HF2R2M
Description  Low Profile (Metal Alloy) Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L301212HF2R2M Datasheet(HTML) 2 Page - Superworld Electronics

  L301212HF2R2M Datasheet HTML 1Page - Superworld Electronics L301212HF2R2M Datasheet HTML 2Page - Superworld Electronics L301212HF2R2M Datasheet HTML 3Page - Superworld Electronics L301212HF2R2M Datasheet HTML 4Page - Superworld Electronics L301212HF2R2M Datasheet HTML 5Page - Superworld Electronics L301212HF2R2M Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low Profile (Metal Alloy) Inductors L301212HF Series
Proprietary and Confidential
Document of Superworld
27/07/2016
P2
4. Materials:
5. General Specification:
6. Electrical Characteristics:
Part Number
Inductance
(uH)±20%
DCR(mΩ)
I sat (A)
Irms (A)
Max.
Typ.
Max.
Typ.
Max.
Typ.
L301212HFR47M
0.47
30
25
5.80
7.20
4.00
5.00
L301212HF2R2M
2.20
106
85
2.80
3.40
2.40
3.00
L301212HF4R7M
4.70
212
170
2.30
2.80
1.30
1.60
L301212HF100M
10.00
420
338
1.20
1.50
0.80
1.00
Notes:
At all times, the current supplied to the product should not exceed Isat Max. value.
(a) Alloy Body
(b) Copper Wire
(c) Terminal
(d) Ink
(a) Test Freq. : L : 100KHz/1V
(b) Operating Temp. : -40°C to +125°C (Inclusive of coil temp rise)
(c) Storage Temp. : -40°C to +125°C (on board)
(d) Humidity Range : 85±2% RH
(e) Heat Rated Current (Irms) will cause the coil temperature rise ∆t of Max. 40°C (keep 1min)
(f) Saturation Current (Isat) will cause ∆L/ L0A to drop ≦ 30%.
(g) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.
(h) Storage condition (component in its packaging)
i) Temperature: Less than 40°C
ii) Humidity : 60% RH


Similar Part No. - L301212HF2R2M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L301212HF2R2M SUPERWORLD-L301212HF2R2M Datasheet
250Kb / 6P
   Low Profile (Metal Alloy) Inductors
More results

Similar Description - L301212HF2R2M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS5040N1R0MF SUPERWORLD-SPS5040N1R0MF Datasheet
250Kb / 6P
   Low Profile (Metal Alloy) Inductors
logo
TOKO, Inc
DFE201612C TOKO-DFE201612C Datasheet
76Kb / 1P
   Metal Alloy Inductors
DFE252010P TOKO-DFE252010P Datasheet
186Kb / 1P
   Metal Alloy Inductors
FCUL1040 TOKO-FCUL1040 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDSD0312 TOKO-FDSD0312 Datasheet
105Kb / 1P
   Metal Alloy Inductors
FDSD0630 TOKO-FDSD0630 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDU1040D TOKO-FDU1040D Datasheet
117Kb / 1P
   Metal Alloy Inductors
DFE201210U TOKO-DFE201210U_16 Datasheet
210Kb / 1P
   Metal Alloy Inductors
FDA1254 TOKO-FDA1254_16 Datasheet
236Kb / 1P
   Metal Alloy Inductors
FCUL0624 TOKO-FCUL0624_16 Datasheet
237Kb / 1P
   Metal Alloy Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com