Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L252010SFR24MA1 Datasheet(PDF) 2 Page - Superworld Electronics

Part # L252010SFR24MA1
Description  Low Profile Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L252010SFR24MA1 Datasheet(HTML) 2 Page - Superworld Electronics

  L252010SFR24MA1 Datasheet HTML 1Page - Superworld Electronics L252010SFR24MA1 Datasheet HTML 2Page - Superworld Electronics L252010SFR24MA1 Datasheet HTML 3Page - Superworld Electronics L252010SFR24MA1 Datasheet HTML 4Page - Superworld Electronics L252010SFR24MA1 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Profile Power Inductors – L252010SF Series
Proprietary and Confidential
Document of Superworld
25/04/2016
P2
4. General Specification
5. Electrical Characteristics
6. Characteristics Curve
(a) Test Freq. : L : 1MHz/0.1V
(b) Operating Temp. : -40°C to +125°C (Inclusive of coil temp rise)
(c) Storage Temp. : -40°C to +125°C
(d) Humidity Range : 85±2% RH
(e) Heat Rated Current
(Irms) will cause the coil temperature rise Δt of Max. 40°C (keep 1min)
(f) Saturation Current (Isat) will cause ΔL/ L0A to drop ≦ 30%.
(g) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.
(h) Storage condition (component in its packaging)
i) Temperature: Less than 40°C
ii) Humidity : 60% RH
Part Number
Inductance
(uH)
DCR (
Ω)
I sat (A) Max. I rms (A) Max.
Max.
Typ.
L252010SFR24MA1
0.24±20%
0.040
0.024
7.5
4.5
L252010SFR33MA1
0.33±20%
0.042
0.030
5.6
3.5
L252010SFR47MA1
0.47±20%
0.046
0.036
5.2
3.1
L252010SFR68MA1
0.68±20%
0.065
0.049
3.8
2.9
L252010SF1R0MA1
1.0±20%
0.078
0.060
3.4
2.5
L252010SF1R5MA1
1.5±20%
0.105
0.082
3.2
2.2
L252010SF2R2MA1
2.2±20%
0.156
0.130
2.6
1.4


Similar Part No. - L252010SFR24MA1

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L252010 SUPERWORLD-L252010 Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
L252010100M SUPERWORLD-L252010100M Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
L252010100M SUPERWORLD-L252010100M Datasheet
348Kb / 7P
   FERRITE CHIP INDUCTORS
L2520101R0M SUPERWORLD-L2520101R0M Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
L2520101R0M SUPERWORLD-L2520101R0M Datasheet
348Kb / 7P
   FERRITE CHIP INDUCTORS
More results

Similar Description - L252010SFR24MA1

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com