Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM6TW-2405DH35Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM6TW-2405DH35Z
Description  6 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-2405DH35Z Datasheet(HTML) 1 Page - AIMTEC

  AM6TW-2405DH35Z Datasheet HTML 1Page - AIMTEC AM6TW-2405DH35Z Datasheet HTML 2Page - AIMTEC AM6TW-2405DH35Z Datasheet HTML 3Page - AIMTEC AM6TW-2405DH35Z Datasheet HTML 4Page - AIMTEC AM6TW-2405DH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM6TW-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.H
1 of 5
North America only
FEATURES:
 RoHS compliant
 Operating temperature -40oC to + 85oC
 24 Pin DIP Package
 Input / output isolation 1500 and 3500VDC
 Wide 4:1 input range
 Pin compatible with multiple manufacturers
 High efficiency up to 85%
 Continuous short circuit protection
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM6TW-2403SZ
9-36
3.3
1400
1500
1000
75
AM6TW-2405SZ
9-36
5
1200
1500
680
81
AM6TW-2407SZ
9-36
7.2
830
1500
680
78
AM6TW-2409SZ
9-36
9
660
1500
330
82
AM6TW-2412SZ
9-36
12
500
1500
100
83
AM6TW-2415SZ
9-36
15
400
1500
100
83
AM6TW-2418SZ
9-36
18
330
1500
100
83
AM6TW-2424SZ
9-36
24
250
1500
68
82
AM6TW-4803SZ
18-72
3.3
1400
1500
1000
75
AM6TW-4805SZ
18-72
5
1200
1500
680
81
AM6TW-4807SZ
18-72
7.2
830
1500
680
81
AM6TW-4809SZ
18-72
9
660
1500
330
82
AM6TW-4812SZ
18-72
12
500
1500
100
82
AM6TW-4815SZ
18-72
15
400
1500
100
85
AM6TW-4818SZ
18-72
18
330
1500
100
83
AM6TW-4824SZ
18-72
24
250
1500
68
83
AM6TW-2403SH35Z
9-36
3.3
1400
3500
1000
75
AM6TW-2405SH35Z
9-36
5
1200
3500
680
81
AM6TW-2407SH35Z
9-36
7.2
830
3500
680
78
AM6TW-2409SH35Z
9-36
9
660
3500
330
82
AM6TW-2412SH35Z
9-36
12
500
3500
100
83
AM6TW-2415SH35Z
9-36
15
400
3500
100
83
AM6TW-2418SH35Z
9-36
18
330
3500
100
83
AM6TW-2424SH35Z
9-36
24
250
3500
68
82
AM6TW-4803SH35Z
18-72
3.3
1400
3500
1000
75
AM6TW-4805SH35Z
18-72
5
1200
3500
680
81
AM6TW-4807SH35Z
18-72
7.2
830
3500
680
81
AM6TW-4809SH35Z
18-72
9
660
3500
330
82
AM6TW-4812SH35Z
18-72
12
500
3500
100
82
AM6TW-4815SH35Z
18-72
15
400
3500
100
85
AM6TW-4818SH35Z
18-72
18
330
3500
100
83
AM6TW-4824SH35Z
18-72
24
250
3500
68
83
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM6TW-2403DZ
9-36
±3.3
±700
1500
±470
80
AM6TW-2405DZ
9-36
±5
±600
1500
±330
82
AM6TW-2407DZ
9-36
±7.2
±410
1500
±330
80
AM6TW-2409DZ
9-36
±9
±330
1500
±100
82
AM6TW-2412DZ
9-36
±12
±250
1500
±68
84
AM6TW-2415DZ
9-36
±15
±200
1500
±68
80
AM6TW-2418DZ
9-36
±18
±160
1500
±68
80
Click on Series name for product info on aimtec.com


Similar Part No. - AM6TW-2405DH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-2405DH35Z AIMTEC-AM6TW-2405DH35Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6TW-2405DH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com