Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM30K-1205DIZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM30K-1205DIZ
Description  30 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-1205DIZ Datasheet(HTML) 3 Page - AIMTEC

  AM30K-1205DIZ Datasheet HTML 1Page - AIMTEC AM30K-1205DIZ Datasheet HTML 2Page - AIMTEC AM30K-1205DIZ Datasheet HTML 3Page - AIMTEC AM30K-1205DIZ Datasheet HTML 4Page - AIMTEC AM30K-1205DIZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM30K-IZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.F
3 of 5
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper with non conductive base. Six Sided Shielded
Weight
50
g
Dimensions (L x W x H)
Tolerance ±0.5mm
2.00 x 1.60 x 0.40 inches
50.80 x 40.60x 10.16 mm
MTBF
> 550 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Soldering Temperature
1.5 mm from case for 10 sec
260
oC
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55022, EN 55024 class A
Pin Out Specifications
Dimensions
Pin
Single
Dual
1
+V Input
+V Input
2
-V Input
-V Input
3
On/OFF Control
On/OFF Control
4
No pin
+V Output
5
+V Output
Common
6
-V Output
-V Output
7
Trim
Trim
1
2
3
4
5
6
7
Bottom View
50.80
(2.00)
Ø 1.00
(0.04)
Printed Face
2.54
(0.10)
45.72
(1.80)
Case Tolerance ±0.50 (±0.02)
Pin Pitch Tolerance ±0.35 (±0.014)
Dimensions mm (inch)


Similar Part No. - AM30K-1205DIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-1205DIZ AIMTEC-AM30K-1205DIZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30K-1205DIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com