Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM30K-2415DZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM30K-2415DZ
Description  30 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-2415DZ Datasheet(HTML) 4 Page - AIMTEC

  AM30K-2415DZ Datasheet HTML 1Page - AIMTEC AM30K-2415DZ Datasheet HTML 2Page - AIMTEC AM30K-2415DZ Datasheet HTML 3Page - AIMTEC AM30K-2415DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM30K-Z
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
4 of 4
North America only
Derating
Extended temperature performance can be achieved with optional heat sink. (add suffix “–K” to part number)
Control ON/OFF pin connection example:
Note A: An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5.
The filter capacitor Aimtec suggests: 1000uF, 100V.
Note B: Input filter components (C1, C2, L) are used to help meet conducted emissions requirement for the module. These components should be
mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Models
C1
L
C2
C3
AM30K-12XXXZ
330 μf, 100V
12μH
100μ, 100V
N/A
AM30K-24XXXZ
330 μf, 100V
12μH
100μ, 100V
N/A
AM30K-48XXXZ
330 μf, 100V
12μH
100μ, 100V
1000Pf, 2000V


Similar Part No. - AM30K-2415DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-2415DZ AIMTEC-AM30K-2415DZ Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30K-2415DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com