Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT2227 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMDT2227
Description  DUAL TRANSISTOR (NPNPNP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMDT2227 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMDT2227 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMDT2227 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMDT2227 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMDT2227 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Switching characteristics
Parameter
Symbol
Test conditions
Min
Max
Unit
Delay time
td
10
n
s
Rise time
tr
25
n
s
Storage time
tS
225
n
s
Fall time
tf
VCC=30V, IC=150mA,
VBE(off)=0.5V,IB1=15mA
60
n
s
PNP 2907A
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-600
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -10μA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10mA, IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-10
nA
Collector cut-off current
ICEX
VCE=-30V,VEB(off)=-0.5V
-50
nA
Emitter cut-off current
IEBO
VEB=-3V, IC=0
-10
nA
hFE(1)
*
VCE=-10V, IC= -0.1mA
75
hFE(2)
*
VCE=-10V, IC= -1mA
100
hFE(3)
*
VCE=-10V, IC=-10mA
100
hFE(4)
*
VCE=-10V, IC= -150mA
100
300
DC current gain
hFE(5)
*
VCE=-10V, IC=-500mA
50
VCE(sat)1
*
IC=-150mA, IB=-15mA
-0.4
V
Collector-emitter saturation voltage
VCE(sat)2
*
IC=-500mA, IB=- 50mA
-1.6
V
VBE(sat)1
*
IC=-150mA, IB=-15mA
-1.3
V
Base-emitter saturation voltage
VBE(sat)2
*
IC=-500mA, IB= -50mA
-2.6
V
Transition frequency
fT
VCE=-20V, IC= -50mA,f=100MHz
200
MHz
Output Capacitance
Cob
VCB=-10V, IE= 0,f=1MHz
8
pF
Input Capacitance
Cib
VEB=-2V, IC= 0,f=1MHz
30
pF
Delay time
td
10
n
s
Rise time
tr
40
n
s
Storage time
ts
225
n
s
Fall time
tf
VCC=-30V,IC=-150mA, IB1=-15mA
60
n
s
*pulse test
www.cj-elec.com
2
D,Mar,2016
www.cj-elec.com


Similar Part No. - MMDT2227

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
SHIKUES Electronics
MMDT2227 SKTECHNOLGY-MMDT2227 Datasheet
1Mb / 4P
   Complementary Pair
logo
Diodes Incorporated
MMDT2227 DIODES-MMDT2227 Datasheet
53Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. B-2
logo
Diotec Semiconductor
MMDT2227 DIOTEC-MMDT2227 Datasheet
670Kb / 3P
   SMD General Purpose NPN | PNP Transistors SMD Universal-NPN | PNP-Transistoren
Version 2023-03-22
logo
Diodes Incorporated
MMDT2227 DIODES-MMDT2227 Datasheet
87Kb / 4P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. 8 - 2
More results

Similar Description - MMDT2227

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMDT4413 JIANGSU-MMDT4413 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNPNP)
UMF5N JIANGSU-UMF5N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPNPN)
MMDT3946 JIANGSU-MMDT3946 Datasheet
298Kb / 4P
   DUAL TRANSISTOR (NPNPNP)
BC847PN JIANGSU-BC847PN Datasheet
1Mb / 6P
   DUAL TRANSISTOR (NPNPNP)
UMZ1N JIANGSU-UMZ1N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNPNP)
UMZ2N JIANGSU-UMZ2N Datasheet
1Mb / 6P
   DUAL TRANSISTOR (PNPNPN)
UMF21N JIANGSU-UMF21N Datasheet
1Mb / 4P
   DUAL DIGITAL TRANSISTOR (NPNPNP)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
Shenzhen Jin Yu Semicon...
UMD3N HTSEMI-UMD3N Datasheet
481Kb / 1P
   DUAL DIGITAL TRANSISTOR (NPN PNP)
logo
Diodes Incorporated
DEMD48 DIODES-DEMD48 Datasheet
270Kb / 4P
   DUAL NPN/PNP PRE-BIASED TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com