Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6964AEG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6964AEG
Description  17- OUTPUT LED DRIVER/GPO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6964AEG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6964AEG Datasheet HTML 3Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 4Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 5Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 6Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 7Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 8Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 9Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 10Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
RAM
MAX6964
2
,
RAM
(
2).
RST
0xFF
(
3).
(idle)
PWM
MAX6964
.
PWM
PWM
.
(active)
I2C
MAX6964
.
__________________________
MAX6964
I2C
2-
.
(SDA)
(SCL)
.
(
)
MAX6964
SCL
(
2).
MAX6964 SDA
. SDA
4.7k
. 2-
SCL
SCL
4.7k
.
(
3),
MAX6964
7
R/W
,
, 1
,
(
3)
.
SCL
SDA
.
SCL
SDA
START(S)
.
SCL
SDA
STOP(P)
.
(
3).
. SDA
SDL
(
4).
9
(
5).
9
.
9
SDA
SDA
.
MAX6964
17-
LED
/GPO
_______________________________________________________________________________________
7
3.
SDA
SCL
START
CONDITION
STOP
CONDITION
SP
4.
SDA
SCL
DATA LINE STABLE;
DATA VALID
CHANGE OF DATA
ALLOWED
5.
SCL
SDA BY
TRANSMITTER
CLOCK PULSE
FOR ACKNOWLEDGE
START
CONDITION
SDA BY
RECEIVER
12
89
S
6.
SDA
SCL
1
MSB
LSB
ACK
00
A6
0
0
A2
R/W


Similar Part No. - MAX6964AEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6964AEG MAXIM-MAX6964AEG Datasheet
380Kb / 23P
   17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
More results

Similar Description - MAX6964AEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6964 MAXIM-MAX6964_05 Datasheet
380Kb / 23P
   17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
logo
Hynix Semiconductor
GM6486 HYNIX-GM6486 Datasheet
91Kb / 7P
   33 OUTPUT LED DRIVER
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Mean Well Enterprises C...
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
logo
Qualtek Electronics Cor...
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
   40Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
   35Watts Single Output LED Driver
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com