Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5T-4818SZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM5T-4818SZ
Description  5 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5T-4818SZ Datasheet(HTML) 3 Page - AIMTEC

  AM5T-4818SZ Datasheet HTML 1Page - AIMTEC AM5T-4818SZ Datasheet HTML 2Page - AIMTEC AM5T-4818SZ Datasheet HTML 3Page - AIMTEC AM5T-4818SZ Datasheet HTML 4Page - AIMTEC AM5T-4818SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM5T-Z
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.G
3 of 5
North America only
Models
Dual Output (continued)
Model
Input
Voltage (V)
Output
Voltage (V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
Isolation
(VDC)
AM5T-2409DH35Z
18-36
±9
±270
±330
83
3500
AM5T-2412DH35Z
18-36
±12
±208
±100
80
3500
AM5T-2415DH35Z
18-36
±15
±160
±47
80
3500
AM5T-2418DH35Z
18-36
±18
±130
±33
81
3500
AM5T-2424DH35Z
18-36
±24
±100
±33
80
3500
AM5T-4803DH35Z
36-72
±3.3
±650
±1000
73
3500
AM5T-4805DH35Z
36-72
±5
±500
±330
79
3500
AM5T-4807DH35Z
36-72
±7.2
±340
±330
81
3500
AM5T-4809DH35Z
36-72
±9
±270
±330
79
3500
AM5T-4812DH35Z
36-72
±12
±208
±100
80
3500
AM5T-4815DH35Z
36-72
±15
±160
±47
80
3500
AM5T-4818DH35Z
36-72
±18
±130
±33
77
3500
AM5T-4824DH35Z
36-72
±24
±100
±33
80
3500
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-9
VDC
12
9-18
24
18-36
48
36-72
Filter
 (Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms
Absolute Maximum Rating
5 Vin
-0.7-15
VDC
12 Vin
-0.7-24
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 or 3500
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance (Dual Output)
Balanced Load
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Over current protection
120% Iout
Line voltage regulation (Single)
±0.5
%
Line voltage regulation (Dual)
±0.5
%
Load voltage regulation (Single)
0 – 100% load
±0.5
%
Load voltage regulation (Single)
3.3V output model
0 – 100% load
±1.5
%
Load voltage regulation (Dual)
0 – 100% load
±0.5
%
Load voltage regulation (Dual)
±3.3V output model
0 – 100% load
±1.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
60
mV p-p
Rising time
10
ms


Similar Part No. - AM5T-4818SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5T-4818SZ AIMTEC-AM5T-4818SZ Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5T-4818SZ

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
   5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com