Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5TW-2415SH35Z Datasheet(PDF) 4 Page - AIMTEC

Part # AM5TW-2415SH35Z
Description  5 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-2415SH35Z Datasheet(HTML) 4 Page - AIMTEC

  AM5TW-2415SH35Z Datasheet HTML 1Page - AIMTEC AM5TW-2415SH35Z Datasheet HTML 2Page - AIMTEC AM5TW-2415SH35Z Datasheet HTML 3Page - AIMTEC AM5TW-2415SH35Z Datasheet HTML 4Page - AIMTEC AM5TW-2415SH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM5TW-Z
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
4 of 5
North America only
Dimensions
27.94
(1.10)
2.54
(0.10)
Printed Face
Built-in Stand-offs to
ease PCB cleaning
0.50
(0.02)
31.75
(1.25)
Bottom View
2 3
911
14
16
22
23
All dimensions are typical: millimeters (inches)
Pin Diameter: 0.50 ± 0.05 (0.02 ± 0.002)
Pin Pitch Tolerance: ± 0.35 (±0.014)
Case Tolerence: ± 0.5 (±0.02)
1
24
10
12
15
13
Conducted Emissions:
Dual Output
L
C1
C2
DC/DC
Converter
+V input
-V input
+V output
Common
Load
Load
-V output
1000pF
2KV
12uH
220uF
100V
Single Output
L
C1
C2
DC/DC
Converter
+V input
-V input
+V output
Load
-V output
12uH
220uF
100V
1000pF
2KV


Similar Part No. - AM5TW-2415SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW-2415SH35Z AIMTEC-AM5TW-2415SH35Z Datasheet
325Kb / 6P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5TW-2415SH35Z

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
   5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com