Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM6G-0512SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM6G-0512SZ
Description  6 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6G-0512SZ Datasheet(HTML) 1 Page - AIMTEC

  AM6G-0512SZ Datasheet HTML 1Page - AIMTEC AM6G-0512SZ Datasheet HTML 2Page - AIMTEC AM6G-0512SZ Datasheet HTML 3Page - AIMTEC AM6G-0512SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM6G-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.B
1 of 4
North America only
FEATURES:
Models
Single Output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
AM6G-0503SZ
4.5-9
3.3
1300
1500
6600
77
AM6G-0505SZ
4.5-9
5
1200
1500
3300
81
AM6G-0509SZ
4.5-9
9
666
1500
2000
83
AM6G-0512SZ
4.5-9
12
500
1500
1600
84
AM6G-0515SZ
4.5-9
15
400
1500
1400
84
AM6G-0524SZ
4.5-9
24
250
1500
680
84
AM6G-1203SZ
9-18
3.3
1300
1500
6600
78
AM6G-1205SZ
9-18
5
1200
1500
3300
83
AM6G-1209SZ
9-18
9
666
1500
2000
84
AM6G-1212SZ
9-18
12
500
1500
1600
85
AM6G-1215SZ
9-18
15
400
1500
1400
85
AM6G-1224SZ
9-18
24
250
1500
680
84
AM6G-2403SZ
18-36
3.3
1300
1500
6600
78
AM6G-2405SZ
18-36
5
1200
1500
3300
83
AM6G-2409SZ
18-36
9
666
1500
2000
85
AM6G-2412SZ
18-36
12
500
1500
1600
85
AM6G-2415SZ
18-36
15
400
1500
1400
86
AM6G-2424SZ
18-36
24
250
1500
680
85
AM6G-4803SZ
36-75
3.3
1300
1500
6600
78
AM6G-4805SZ
36-75
5
1200
1500
3300
82
AM6G-4809SZ
36-75
9
666
1500
2000
84
AM6G-4812SZ
36-75
12
500
1500
1600
85
AM6G-4815SZ
36-75
15
400
1500
1400
86
AM6G-4824SZ
36-75
24
250
1500
680
84
AM6G-0503SH30Z
4.5-9
3.3
1300
3000
6600
77
AM6G-0505SH30Z
4.5-9
5
1200
3000
3300
81
AM6G-0509SH30Z
4.5-9
9
666
3000
2000
83
AM6G-0512SH30Z
4.5-9
12
500
3000
1600
84
AM6G-0515SH30Z
4.5-9
15
400
3000
1400
84
AM6G-0524SH30Z
4.5-9
24
250
3000
680
84
AM6G-1203SH30Z
9-18
3.3
1300
3000
6600
78
AM6G-1205SH30Z
9-18
5
1200
3000
3300
83
AM6G-1209SH30Z
9-18
9
666
3000
2000
84
AM6G-1212SH30Z
9-18
12
500
3000
1600
85
AM6G-1215SH30Z
9-18
15
400
3000
1400
85
AM6G-1224SH30Z
9-18
24
250
3000
680
84
AM6G-2403SH30Z
18-36
3.3
1300
3000
6600
78
AM6G-2405SH30Z
18-36
5
1200
3000
3300
83
AM6G-2409SH30Z
18-36
9
666
3000
2000
85
AM6G-2412SH30Z
18-36
12
500
3000
1600
85
AM6G-2415SH30Z
18-36
15
400
3000
1400
86
AM6G-2424SH30Z
18-36
24
250
3000
680
85
AM6G-4803SH30Z
36-75
3.3
1300
3000
6600
78
AM6G-4805SH30Z
36-75
5
1200
3000
3300
82
AM6G-4809SH30Z
36-75
9
666
3000
2000
84
AM6G-4812SH30Z
36-75
12
500
3000
1600
85
AM6G-4815SH30Z
36-75
15
400
3000
1400
86
AM6G-4824SH30Z
36-75
24
250
3000
680
84
 High Power Density SIP8
 Operating temperature -40°C to + 85°C
 High efficiency up to 86%
 Continuous Short circuit protection
 On / Off Control
 No Minimum Load
 Input / Output Isolation 1500 & 3000VDC
Click on Series name for product info on aimtec.com


Similar Part No. - AM6G-0512SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6G-0512SZ AIMTEC-AM6G-0512SZ Datasheet
225Kb / 4P
   Continuous Short circuit protection
More results

Similar Description - AM6G-0512SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com