Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

333HD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 333HD
Description  5.0 MM ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

333HD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  333HD Datasheet HTML 1Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 2Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 3Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 4Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 5Page - List of Unclassifed Manufacturers 333HD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
333HD
Reliability test items and conditions:
NO
Item
Test Conditions
Sample
size
1
Solder Heat
TEMP : 260℃ ± 5 ℃
76 PCS
H : +100℃ 15min
2
Temperature Cycle
∫ 5 min
76 PCS
L : -40℃ 15min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
76 PCS
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
76 PCS
5
Low Temperature Storage
TEMP : -40℃
76 PCS
TEMP : 25℃
IF = 10mA
7
High Temperature / High
Humidity
85℃ / 85% RH
76 PCS
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
4
Page: 5 of 6
Device Number : CDLE-033-492
Prepared date:
2004/6/28
Prepared by:
Caixia wu
Test
Hours/Cycle
SEC
6
DC Operating Life
Ac/Re
0/1
0/1
0/1
0/1
0/1
0/1
0/1
76 PCS
300 CYCLES
300 CYCLES
1000 HRS
1000 HRS
1000 HRS
1000 HRS


Similar Part No. - 333HD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
333H04PP460R ETC1-333H04PP460R Datasheet
123Kb / 1P
   POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
333H04PP481R ETC1-333H04PP481R Datasheet
123Kb / 1P
   POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
333H04PP580R ETC1-333H04PP580R Datasheet
123Kb / 1P
   POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
333H06PP460R ETC1-333H06PP460R Datasheet
123Kb / 1P
   POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
333H06PP481R ETC1-333H06PP481R Datasheet
123Kb / 1P
   POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
More results

Similar Description - 333HD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
333GD ETC-333GD Datasheet
92Kb / 4P
   5.0 MM ROUND TYPE LED LAMPS
523YD ETC-523YD Datasheet
102Kb / 6P
   2.0*5.0 MM RECTANGLE TYPE LED LAMPS
264-10YD ETC-264-10YD Datasheet
93Kb / 6P
   3.0 MM ROUND TYPE LED LAMPS
204GD ETC-204GD Datasheet
95Kb / 6P
   3.0 MM ROUND TYPE LED LAMPS
1224VGC ETC-1224VGC Datasheet
98Kb / 6P
   3.0 MM ROUND TYPE LED LAMPS
204HD ETC-204HD Datasheet
98Kb / 6P
   3.0 mm ROUND TYPE LED LAMPS
logo
BetLux Electronics
BL-L189 BETLUX-BL-L189 Datasheet
244Kb / 4P
   1.8 mm Round Tower Type LED Lamps
logo
Roithner LaserTechnik G...
380D15 ROITHNER-380D15 Datasheet
111Kb / 1P
   UV-LED 5.0 mm round
380D30 ROITHNER-380D30 Datasheet
112Kb / 1P
   UV-LED 5.0 mm round
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com