Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5003.1311.1 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5003.1311.1
Description  Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5003.1311.1 Datasheet(HTML) 1 Page - Schurter Inc.

  5003.1311.1 Datasheet HTML 1Page - Schurter Inc. 5003.1311.1 Datasheet HTML 2Page - Schurter Inc. 5003.1311.1 Datasheet HTML 3Page - Schurter Inc. 5003.1311.1 Datasheet HTML 4Page - Schurter Inc. 5003.1311.1 Datasheet HTML 5Page - Schurter Inc. 5003.1311.1 Datasheet HTML 6Page - Schurter Inc. 5003.1311.1 Datasheet HTML 7Page - Schurter Inc. 5003.1311.1 Datasheet HTML 8Page - Schurter Inc. 5003.1311.1 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Power Entry Modules with Line Filter
5003
www.schurter.com /PG06
EMC Products
Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
Screw-on mounting, front or back side
PCB snap-in version
MOLEX HCS-125 connector
Screw-on mounting, front or back side
Quick connect terminals 6.3 x 0.8 mm
AMP Universal MATE-N-LOK or MOLEX MLX
Snap-in mounting
with wires (stranded)
AMP Universal MATE-N-LOK or MOLEX MLX
Description
- Panel Mount :
Screw-on version from front or rear side, snap-in version from front
side, PCB Version from rear side
- 2 Functions :
Appliance Inlet , DC line filter in standard version
- Solder, quick connect or wires (stranded)
Approvals
- VDE Certificate Number: 40020642
- UL File Number: E72928
Characteristics
- Compact high-performance DC-filter
Optimal shielding due to completely closed filter case, unpotted
- Applications:
- Mission Critical Ethernet LAN Routers
- High uptime Ethernet LAN Switches
- Fiber Optic WAN Switches
- Fiber Optic WAN Multiplexer
Other versions on request
- Snap-in for panel thickness >2mm to 3mm
- flexible wire with various lenghts
- Quick connect terminals 4.8 x 0.8 mm
- Capacity CY 5.5 nF
- with long earth pin in connector
References
PCB Mounting
Alternative: version 5120 for AC applications
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Technical Data
Ratings IEC
15 A / 125 VDC
Ratings UL/CSA
3 - 15 A @ Ta 40 °C / 125 VDC
Dielectric Strength
> 0.5 kVDC between (VAC 1 min., DIN
EN 50155)
> 1.1 kVDC between protective conduc-
tor and live parts
Test voltage (2 sec)
Allowable Operation Temp.
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
Protection Class
Suitable for appliances with protection
class I
Terminal
Quick connect terminals 6.3 x 0.8 mm
Wire leads AWG 18 (10-15A AWG 16),
150 mm
Panel Thickness s
Screw: max 8 mm
Mounting screw torque max 0.5 Nm
Snap-in: 0.8 mm to 2 mm
(all steps with one variant)
Material: Housing
Themoplast / steel tin-plated, black /
metallic, UL 94V-0
Line Filter
DC Standard Version, UL 1283
Technical Details
MTBF
> 3'900'000 h acc. to MIL-HB-217 F


Similar Part No. - 5003.1311.1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5003 TI1-5003 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
5003 TI1-5003 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
5003 TI1-5003 Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
List of Unclassifed Man...
5003 ETC2-5003 Datasheet
462Kb / 1P
   THM TEST POINTS
logo
Schurter Inc.
5003 SCHURTER-5003 Datasheet
629Kb / 9P
   Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
More results

Similar Description - 5003.1311.1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5003 SCHURTER-5003_V01 Datasheet
676Kb / 10P
   Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
5003 SCHURTER-5003_18 Datasheet
629Kb / 9P
   Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130 Datasheet
716Kb / 5P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V02 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120 Datasheet
881Kb / 6P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com