Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG40.6101.151 Datasheet(PDF) 2 Page - Schurter Inc.

Part # CG40.6101.151
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CG40.6101.151 Datasheet(HTML) 2 Page - Schurter Inc.

  CG40.6101.151 Datasheet HTML 1Page - Schurter Inc. CG40.6101.151 Datasheet HTML 2Page - Schurter Inc. CG40.6101.151 Datasheet HTML 3Page - Schurter Inc. CG40.6101.151 Datasheet HTML 4Page - Schurter Inc. CG40.6101.151 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Power Entry Modules with Line Filter
CG
www.schurter.com /PG06
EMC Products
Dimension
CG
30
55
4.8x0.8
R 4.5
R 6
R 3.1
69
27.2
28.5
+0.2
0
R 3
0
-0.2
2.8
M3/ø 3.6
56
2
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version
2 x 10
68
2.2
-
2
Standard Version
2 x 4
68
2.2
-
4
Standard Version
2 x 1.5
68
2.2
-
6
Standard Version
2 x 0.8
68
2.2
-
10
Standard Version
2 x 0.3
68
2.2
-
1
Medical Version (M5)
2 x 10
68
-
1
2
Medical Version (M5)
2 x 4
68
-
1
4
Medical Version (M5)
2 x 1.5
68
-
1
6
Medical Version (M5)
2 x 0.8
68
-
1
10
Medical Version (M5)
2 x 0.3
68
-
1
Diagrams
Standard version
with fuseholder 1- or 2-pole
Cx
L1
L2
Cy
Cy
2)
PE’
L
PE
N
1)
A
B
3
4
F1
F2
5
6
7
8
9
10
X)
X)
Voltage
Selector
x) external connection to be made by the customer
1) Line
2) Load
Medical version (M5)
with fuseholder 2-pole
Cx
L1
L2
2)
PE’
L
PE
N
1)
A
B
3
4
F1
F2
5
6
7
8
9
10
X)
X)
Voltage
Selector
R
x) external connection to be made by the customer
1) Line
2) Load


Similar Part No. - CG40.6101.151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CG40.6101.151 SCHURTER-CG40.6101.151 Datasheet
635Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
More results

Similar Description - CG40.6101.151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CG16.5101.151 SCHURTER-CG16.5101.151_V01 Datasheet
635Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
CD11.1501.151 SCHURTER-CD11.1501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD11.1501.151 SCHURTER-CD11.1501.151_V01 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
CD11.4599.151 SCHURTER-CD11.4599.151 Datasheet
600Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Bowden Line Switch 1- or 2-pole, Voltage Selector (Step)
17.08.2020
KFC SCHURTER-KFC Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
KP01145201 SCHURTER-KP01145201_V01 Datasheet
616Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole (5x20 mm)
08.12.2021
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD134101151 SCHURTER-KD134101151 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
CE16.5100.151 SCHURTER-CE16.5100.151_V01 Datasheet
666Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
04.01.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com