Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5003.125B.1 Datasheet(PDF) 8 Page - Schurter Inc.

Part # 5003.125B.1
Description  Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5003.125B.1 Datasheet(HTML) 8 Page - Schurter Inc.

  5003.125B.1 Datasheet HTML 1Page - Schurter Inc. 5003.125B.1 Datasheet HTML 2Page - Schurter Inc. 5003.125B.1 Datasheet HTML 3Page - Schurter Inc. 5003.125B.1 Datasheet HTML 4Page - Schurter Inc. 5003.125B.1 Datasheet HTML 5Page - Schurter Inc. 5003.125B.1 Datasheet HTML 6Page - Schurter Inc. 5003.125B.1 Datasheet HTML 7Page - Schurter Inc. 5003.125B.1 Datasheet HTML 8Page - Schurter Inc. 5003.125B.1 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Power Entry Modules with Line Filter
5003
www.schurter.com /PG06
EMC Products
All Variants
Rated Current
[A]
Mounting
Mounting side
Terminal
Mating Connector
Order Number
3
Screw
Rear Side
Quick connect terminals 6.3 x 0.8 mm
Molex HCS-125
5003.0121.1
3
Screw/PCB
Rear Side
PCB pin and earth pin 6.3 x 0.8
Molex HCS-125
5003.015B.1
3
Screw/PCB snap-in
Rear Side
PCB pin and earth pin 6.3 x 0.8
Molex HCS-125
5003.016B.1
3
Screw-on/Rivet
Front-/Rear-Side
Quick connect terminals 6.3 x 0.8 mm
Molex HCS-125
5003.0111.1
6
Screw
Rear Side
Quick connect terminals 6.3 x 0.8 mm
Molex HCS-125
5003.0221.1
6
Screw/PCB
Rear Side
PCB pin and earth pin 6.3 x 0.8
Molex HCS-125
5003.025B.1
6
Screw/PCB snap-in
Rear Side
PCB pin and earth pin 6.3 x 0.8
Molex HCS-125
5003.026B.1
6
Screw-on/Rivet
Front-/Rear-Side
Quick connect terminals 6.3 x 0.8 mm
Molex HCS-125
5003.0211.1
6
Screw-on/Rivet
Front-/Rear-Side
Solder terminal
Molex HCS-125
5003.0213.1
10
Screw
Rear Side
Quick connect terminals 6.3 x 0.8 mm
Molex HCS-125
5003.0321.1
10
Screw/PCB
Rear Side
PCB pin and earth pin 6.3 x 0.8
Molex HCS-125
5003.035B.1
10
Screw/PCB snap-in
Rear Side
PCB pin and earth pin 6.3 x 0.8
Molex HCS-125
5003.036B.1
10
Screw-on/Rivet
Front-/Rear-Side
Quick connect terminals 6.3 x 0.8 mm
Molex HCS-125
5003.0311.1
10
Screw-on/Rivet
Front-/Rear-Side
Flexible wire and Earth pin 6.3 x 0.8
Molex HCS-125
5003.0316.1
15
Screw
Rear Side
Quick connect terminals 6.3 x 0.8 mm
Molex HCS-125
5003.0421.1
15
Screw/PCB
Rear Side
PCB pin and earth pin 6.3 x 0.8
Molex HCS-125
5003.045B.1
15
Screw/PCB snap-in
Rear Side
PCB pin and earth pin 6.3 x 0.8
Molex HCS-125
5003.046B.1
15
Screw-on/Rivet
Front-/Rear-Side
Quick connect terminals 6.3 x 0.8 mm
Molex HCS-125
5003.0411.1
3
Screw
Rear Side
Quick connect terminals 6.3 x 0.8 mm
AMP / Molex MLX
5003.1121.1
3
Screw/PCB
Rear Side
PCB pin and earth pin 6.3 x 0.8
AMP / Molex MLX
5003.115B.1
3
Screw/PCB snap-in
Rear Side
PCB pin and earth pin 6.3 x 0.8
AMP / Molex MLX
5003.116B.1
3
Screw-on/Rivet
Front-/Rear-Side
Quick connect terminals 6.3 x 0.8 mm
AMP / Molex MLX
5003.1111.1
6
Screw
Rear Side
Quick connect terminals 6.3 x 0.8 mm
AMP / Molex MLX
5003.1221.1
6
Screw/PCB
Rear Side
PCB pin and earth pin 6.3 x 0.8
AMP / Molex MLX
5003.125B.1
6
Screw/PCB snap-in
Rear Side
PCB pin and earth pin 6.3 x 0.8
AMP / Molex MLX
5003.126B.1
6
Screw-on/Rivet
Front-/Rear-Side
Quick connect terminals 6.3 x 0.8 mm
AMP / Molex MLX
5003.1211.1
10
Snap-in
Front Side
Flexible wire and Earth pin 6.3 x 0.8
AMP / Molex MLX
5003.1336.1
10
Screw
Rear Side
Quick connect terminals 6.3 x 0.8 mm
AMP / Molex MLX
5003.1321.1
10
Screw
Rear Side
Solder terminal
AMP / Molex MLX
5003.1323.1
10
Screw/PCB
Rear Side
PCB pin and earth pin 6.3 x 0.8
AMP / Molex MLX
5003.135B.1
10
Screw/PCB snap-in
Rear Side
PCB pin and earth pin 6.3 x 0.8
AMP / Molex MLX
5003.136B.1
10
Screw-on/Rivet
Front-/Rear-Side
Quick connect terminals 6.3 x 0.8 mm
AMP / Molex MLX
5003.1311.1
15
Snap-in
Front Side
Quick connect terminals 6.3 x 0.8 mm
AMP / Molex MLX
5003.1431.1
15
Snap-in 2 - 3 mm
Front Side
Flexible wire and Earth solder terminal
AMP / Molex MLX
5003.1448.1
15
Screw
Rear Side
Quick connect terminals 6.3 x 0.8 mm
AMP / Molex MLX
5003.1421.1
15
Screw/PCB
Rear Side
PCB pin and earth pin 6.3 x 0.8
AMP / Molex MLX
5003.145B.1
15
Screw/PCB snap-in
Rear Side
PCB pin and earth pin 6.3 x 0.8
AMP / Molex MLX
5003.146B.1
15
Screw-on/Rivet
Front-/Rear-Side
Quick connect terminals 6.3 x 0.8 mm
AMP / Molex MLX
5003.1411.1
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Type for screw on mounting from rear side has pre-threaded holes for M3 screws
Packaging unit
10 Pcs


Similar Part No. - 5003.125B.1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5003 TI1-5003 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
5003 TI1-5003 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
5003 TI1-5003 Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
List of Unclassifed Man...
5003 ETC2-5003 Datasheet
462Kb / 1P
   THM TEST POINTS
logo
Schurter Inc.
5003 SCHURTER-5003 Datasheet
629Kb / 9P
   Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
More results

Similar Description - 5003.125B.1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5003 SCHURTER-5003_V01 Datasheet
676Kb / 10P
   Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
5003 SCHURTER-5003_18 Datasheet
629Kb / 9P
   Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130 Datasheet
716Kb / 5P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V02 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120 Datasheet
881Kb / 6P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com