Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5110.0833.1 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5110.0833.1
Description  IEC Appliance Inlet C14 with Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5110.0833.1 Datasheet(HTML) 1 Page - Schurter Inc.

  5110.0833.1 Datasheet HTML 1Page - Schurter Inc. 5110.0833.1 Datasheet HTML 2Page - Schurter Inc. 5110.0833.1 Datasheet HTML 3Page - Schurter Inc. 5110.0833.1 Datasheet HTML 4Page - Schurter Inc. 5110.0833.1 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Power Entry Modules with Line Filter
5110
www.schurter.com /PG06
EMC Products
IEC Appliance Inlet C14 with Filter
Standard- or Medical-Filter
C14
70° C
Description
- Panel Mount :
Snap-in or screw-on mounting from front side
- 2 Functions :
Appliance Inlet Protection class I , Line filter in standard and medical
version
- Quick connect terminals 6.3 x 0.8 mm
Unique Selling Proposition
- Ultra-compact design
- High quality filter case made of stainless steel
- Highly resistant since potted filter
- Various filter variants
Approvals
- VDE Certificate Number: 40035745
- UL File Number: E72928
- CCC File Number: 2006010204191430
Characteristics
- All single elements are already wired
- Suitable for use in equipment according to IEC/UL 60950
Suitable for use in medical equipment according to IEC/UL 60601-1
Other versions on request
- Capacity CX 100 nF
- Medical version M80
References
Alternative: version without line filter 6100-3; 6100-4
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 15 A @ Ta 40 °C / 125 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Temp.
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
IP-Protection
from front side IP 40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
Panel Thickness s
Screw: max 5 mm
Mounting screw torque max 0.5 Nm
Snap-in: 0.8 mm to 3 mm
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C14 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 3'100'000 h acc. to MIL-HB-217 F


Similar Part No. - 5110.0833.1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5110 POMONA-5110 Datasheet
26Kb / 1P
   Connector Audio, Straight Cord, Male, 3&5 Conductor
logo
Schurter Inc.
5110 SCHURTER-5110 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110 Datasheet
713Kb / 6P
   IEC Appliance Inlet C14 with Filter
logo
Alpha Wire
5110/25C ALPHAWIRE-5110/25C Datasheet
94Kb / 5P
   Customer Specification
1/11/2023
logo
Molex Electronics Ltd.
51102-0200 MOLEX7-51102-0200 Datasheet
110Kb / 2P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Housing, Friction Lock, 2 Circuits
More results

Similar Description - 5110.0833.1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
KFS SCHURTER-KFS Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_17 Datasheet
476Kb / 5P
   IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110_V01 Datasheet
713Kb / 6P
   IEC Appliance Inlet C14 with Filter
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
5150 SCHURTER-5150_17 Datasheet
445Kb / 6P
   IEC Appliance Inlet C14 with High Frequency Filter
5707 SCHURTER-5707_17 Datasheet
838Kb / 8P
   IEC Appliance Inlet C14 or C18 with Filter
KP01105201 SCHURTER-KP01105201 Datasheet
704Kb / 4P
   IEC Appliance Inlet C14 with Appliance Outlet F
KP01105201 SCHURTER-KP01105201_V01 Datasheet
551Kb / 6P
   IEC Appliance Inlet C14 with Appliance Outlet F
15.09.2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com