Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G384GV Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC1G384GV
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G384GV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G384GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 9Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 10Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 11Page - NXP Semiconductors 74LVC1G384GV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
9397 750 12675
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 26 February 2004
8 of 22
Philips Semiconductors
74LVC1G384
Bilateral switch
VI =VCC and VO = GND;
VI = GND and VO =VCC
VI =VCC and VO = open circuit;
VI = GND and VO = open circuit
Fig 5.
Test circuit for measuring switch OFF-state
current.
Fig 6.
Test circuit for measuring switch ON-state
current.
001aaa370
Z
Y
IS
VI
GND
VCC
VIH
VO
E
IS
001aaa369
Z
Y
IS
VI
GND
VCC
VIL
VO
E
VI = GND to VCC; RON =VS/IS
VS = GND to VCC.
Fig 7.
Test circuit for measuring switch
ON-resistance.
Fig 8.
Typical switch ON-resistance as a function of
input voltage.
001aaa371
Z
Y
IS
VI
GND
VCC
VIL
VS
E
5
0
1234
VI (V)
RON
(
Ω)
102
10
1
mna673
VCC = 1.8 V
2.5 V
2.7 V
3.3 V
5.0 V


Similar Part No. - 74LVC1G384GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G384GV NXP-74LVC1G384GV Datasheet
126Kb / 22P
   Bilateral switch
Rev. 02-29 August 2007
logo
Nexperia B.V. All right...
74LVC1G384GV NEXPERIA-74LVC1G384GV Datasheet
332Kb / 23P
   Bilateral switch
Rev. 9 - 16 August 2022
74LVC1G384GV-Q100 NEXPERIA-74LVC1G384GV-Q100 Datasheet
897Kb / 21P
   Bilateral switch
More results

Similar Description - 74LVC1G384GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com