Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5T-4815S-VZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM5T-4815S-VZ
Description  5 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5T-4815S-VZ Datasheet(HTML) 2 Page - AIMTEC

  AM5T-4815S-VZ Datasheet HTML 1Page - AIMTEC AM5T-4815S-VZ Datasheet HTML 2Page - AIMTEC AM5T-4815S-VZ Datasheet HTML 3Page - AIMTEC AM5T-4815S-VZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM5T-VZ
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.I
2 of 4
North America only
Models
Dual output (continued)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM5T-4809D-VZ
36-72
±9
±277
±220
78
AM5T-4812D-VZ
36-72
±12
±208
±220
78
AM5T-4815D-VZ
36-72
±15
±166
±220
80
AM5T-4824D-VZ
36-72
±24
±104
±100
77
AM5T-1205DH35-VZ
9-18
±5
±500
±1000
72
AM5T-1209DH35-VZ
9-18
±9
±277
±220
76
AM5T-1212DH35-VZ
9-18
±12
±208
±220
77
AM5T-1215DH35-VZ
9-18
±15
±166
±220
77
AM5T-1224DH35-VZ
9-18
±24
±104
±100
80
AM5T-2405DH35-VZ
18-36
±5
±500
±1000
74
AM5T-2409DH35-VZ
18-36
±9
±277
±220
76
AM5T-2412DH35-VZ
18-36
±12
±208
±220
78
AM5T-2415DH35-VZ
18-36
±15
±166
±220
78
AM5T-2424DH35-VZ
18-36
±24
±104
±100
75
AM5T-4805DH35-VZ
36-72
±5
±500
±1000
76
AM5T-4809DH35-VZ
36-72
±9
±277
±220
78
AM5T-4812DH35-VZ
36-72
±12
±208
±220
78
AM5T-4815DH35-VZ
36-72
±15
±166
±220
80
AM5T-4824DH35-VZ
36-72
±24
±104
±100
77
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
12
9-18
VDC
24
18-36
48
36-72
Filter
 (Pi) Network
Start up time
20
ms
Absolute Maximum Rating
12 Vin
-0.7-24
VDC
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
15
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 (3500 H35
model)
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
Balanced Load
±1
%
Short circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation
25-100% Load
±0.5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise (see note)
At 20MHz Bandwidth
60
mV p-p
Note: For ripple and noise specification, a 100 µF capacitor must be placed on the output of converter.


Similar Part No. - AM5T-4815S-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5T-4815S-VZ AIMTEC-AM5T-4815S-VZ Datasheet
486Kb / 4P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5T-4815S-VZ

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com